전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFOE-LE-T-R18-Q4-F1A 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 VFOE-LE-T-R18-Q4-F1A
상세설명  One-way flow control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VFOE-LE-T-R18-Q4-F1A 데이터시트(HTML) 1 Page - Festo Corporation.

  VFOE-LE-T-R18-Q4-F1A Datasheet HTML 1Page - Festo Corporation. VFOE-LE-T-R18-Q4-F1A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
One-way flow control valve
VFOE-LE-T-R18-Q4-F1A
Part number: 8157640
General operating condition
Data sheet
Feature
Value
Valve function
Exhaust air flow control non-return function
Pneumatic connection 1
QS-4
Pneumatic connection 2
R1/8
Actuation type
Manual
Adjusting element
Rotary knob with detent
Type of mounting
Screw-in
Standard nominal flow rate in flow control direction
150 l/min
Standard nominal flow rate in non-return direction
90 l/min ... 150 l/min
Ambient temperature
-10 °C ... 60 °C
Housing material
PBT
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Mounting position
Any
Symbol
00991452
Width across flats
13 mm
Rotatability
360 deg/continuous swiveling not permissible
Variants
Metals with copper, zinc or nickel by mass as main constituent are
excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils.
Operating pressure for entire temperature range
0.02 MPa ... 1 MPa
Operating pressure for entire temperature range
0.2 bar ... 10 bar
Operating pressure for entire temperature range
2.9 psi ... 145 psi
Standard flow rate in flow control direction 6 -> 0 bar
250 l/min
Standard flow rate in non-return direction at 6 -> 0 bar
240 l/min ... 300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364 zone III
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel are excluded
from use.The exceptions are nickel in steel, chemically nickel-plated
surfaces, circuit boards, cables, electrical plug connectors and coils
Cleanroom class
Class 4 according to ISO 14644-1
Temperature of medium
-10 °C ... 60 °C
10/23/24 - Subject to change - Festo SE & Co. KG
1/2


유사한 부품 번호 - VFOE-LE-T-R18-Q4-F1A

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
VFOE-LE-T-R18-Q4 FESTO-VFOE-LE-T-R18-Q4 Datasheet
79Kb / 1P
Check valve
More results

유사한 설명 - VFOE-LE-T-R18-Q4-F1A

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com