전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAM-6G3-073CLR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 CAM-6G3-073CLR
상세설명  VD56G3 promodules: Camera module evaluation samples for instant integration of VD56G3 sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CAM-6G3-073CLR 데이터시트(HTML) 1 Page - STMicroelectronics

  CAM-6G3-073CLR Datasheet HTML 1Page - STMicroelectronics CAM-6G3-073CLR Datasheet HTML 2Page - STMicroelectronics CAM-6G3-073CLR Datasheet HTML 3Page - STMicroelectronics CAM-6G3-073CLR Datasheet HTML 4Page - STMicroelectronics CAM-6G3-073CLR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
“Promodules”: turnkey camera modules for evaluation:
–
Including VD56G3 image sensor, lens holder, lens, and plug-and-play
flex connection.
–
Lens focused, glued, and tested in cleanroom environment using
specialized equipment.
–
Small footprint down to 6.5 mm square.
•
Various lens options:
–
Ultra-wide-angle lens for wide scene capture (152° DFOV).
–
Highly compact lens for a thin module (84° DFOV).
–
General purpose lens enabling various system setups (73° DFOV).
•
Plug-and-play connector to change promodules at any time:
–
FPC-to-board 30-pin connector.
–
Same connector for all ST promodules.
•
Ready for evaluation and integration:
–
On computer with a USB output using the EVK Main hardware tool and
the Evaluation GUI free software.
–
On embedded processing platforms with a MIPI CSI-2 output using the
P-Board hardware tool and free Linux software tools.
•
Promodules also available in color RGB versions (CAM-66GY).
Description
The CAM-56G3 promodules are a full range of sample camera modules made for a
seamless evaluation and integration of the VD56G3 1.5-megapixel monochrome
image sensor. These ready-to-use vision extensions integrate VD56G3 image
sensor, lens holder, lens, and plug-and-play flex connection in a tiny format down to
6.5 mm square.
The CAM-56G3 line leverages the complete toolbox of on-chip features of the
VD56G3 image sensor embedded, such as binning, autoexposure, or context
management. Multiple GPIOs enable users to synchronize the modules with triggers
and illumination. Featuring MIPI CSI-2 output, the promodules are perfectly suited for
embedded low-power setups.
Multiple promodule references are available, featuring various lenses to best match
the needs of every application in terms of optical setup and mechanical constraints.
All camera modules are equipped with the same FPC-to-board connector and pinout.
This plug-and-play architecture allows users to change promodule instantly, and
reuse the same setup with different lenses, color options and even different image
sensors in the ST BrightSense portfolio.
CAM-56G3 promodules can be tested and integrated on computers or embedded
processing boards using hardware and software tools from STMicroelectronics. The
compatible EVK Main and P-Board hardware kits enable straight connection to PC
and embedded processing platforms respectively. Evaluation GUI software and Linux
drivers are available for download from the Imaging Software section of the website.
Order code
Description
CAM-6G3-073CLR
VD56G3 promodule
with 73° FoV lens
CAM-6G3-084CLR
VD56G3 promodule
with 84° FoV lens
CAM-6G3-152CLR
VD56G3 promodule
with 152° FoV lens
VD56G3 promodules:
Camera module evaluation samples for instant integration of VD56G3 sensor
CAM-56G3
Data brief
DB5264 - Rev 1 - May 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - CAM-6G3-073CLR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
CAM-6GY-073VIS STMICROELECTRONICS-CAM-6GY-073VIS Datasheet
1Mb / 5P
VD66GY promodules: Camera module evaluation samples for instant integration of VD66GY sensor
21-May-2024
CAM-6GY-084VIS STMICROELECTRONICS-CAM-6GY-084VIS Datasheet
1Mb / 5P
VD66GY promodules: Camera module evaluation samples for instant integration of VD66GY sensor
21-May-2024
CAM-6GY-152VIS STMICROELECTRONICS-CAM-6GY-152VIS Datasheet
1Mb / 5P
VD66GY promodules: Camera module evaluation samples for instant integration of VD66GY sensor
21-May-2024
More results

유사한 설명 - CAM-6G3-073CLR

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
Colro Image Sensor Camera Module?
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
Time Delay Integration Camera
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
Camera Module System Power Supply ICs for CMOS Sensor
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
ASE02808MR-LW150-R PUIAUDIO-ASE02808MR-LW150-R Datasheet
875Kb / 3P
28mm square speaker with 150mm lead wires for instant integration
ASE06008MR-LW150-R PUIAUDIO-ASE06008MR-LW150-R Datasheet
508Kb / 3P
60 x 30mm speaker with 150mm lead wires for instant integration
logo
Maxim Integrated Produc...
MAX125EVKIT MAXIM-MAX125EVKIT Datasheet
276Kb / 20P
Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX115EVKIT MAXIM-MAX115EVKIT Datasheet
223Kb / 7P
Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
MAX1110EVKIT MAXIM-MAX1110EVKIT Datasheet
127Kb / 8P
Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX1270EVC16 MAXIM-MAX1270EVC16 Datasheet
196Kb / 7P
Complete Evaluation System Samples to 12ksps
Rev 2; 8/00
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com