전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PER60 데이터시트(PDF) 2 Page - Electronic devices inc.

부품명 PER60
상세설명  FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EDI [Electronic devices inc.]
홈페이지  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PER60 데이터시트(HTML) 2 Page - Electronic devices inc.

  PER60 Datasheet HTML 1Page - Electronic devices inc. PER60 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT
PACKARD OR EQUIV.
IKC REP.RATE, 10 SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
TEST CIRCUIT
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
PER
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
FIG.3
CASE STYLE FOR PER
FIG.2
NON- REPETITIVE SURGE CURRENT
0
0
25
50
75
100
150
125
CURRENT DERATING
T
= AMBIENT TEMPERATURE
A
O
( C)
1.0
5.0
2.0
3.0
4.0
FIG.1
_
+
. 1 5 0
. 0 1 0 T Y P.
1.0MIN.
.52
MAX.
.051 DIA.
LEADS
_
.250 +.015
.69
MAX.
0.1SEC
1.0SEC
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
BRIDGE OUTPUT
RES. IND. LOADS
All dimensions in inches



Html Pages

1 2