전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB355 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 OPB355
상세설명  Slotted Optical Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB355 데이터시트(HTML) 2 Page - OPTEK Technologies

  OPB355_07 Datasheet HTML 1Page - OPTEK Technologies OPB355_07 Datasheet HTML 2Page - OPTEK Technologies OPB355_07 Datasheet HTML 3Page - OPTEK Technologies OPB355_07 Datasheet HTML 4Page - OPTEK Technologies OPB355_07 Datasheet HTML 5Page - OPTEK Technologies OPB355_07 Datasheet HTML 6Page - OPTEK Technologies OPB355_07 Datasheet HTML 7Page - OPTEK Technologies OPB355_07 Datasheet HTML 8Page - OPTEK Technologies OPB355_07 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
03/07
Page 2 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Part Number Guide — OPB360 / OPB370
OPB 3 X X X X X
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Discrete Shell Material:
Mounting Configurations:
6 — Base mount IR transmissive
L — Emitter side mounting tab only
Polysulfone discrete shell
N — No mounting tabs
PCMountable leads
P — Sensor side mounting tab only
7 — Base mount opaque
T — Two mounting tabs
Plastic discrete shell
PCMountable leads
Lead Spacer Designator:
0 = 0.320” (8.12 mm) lead space
5 = 0.220” (5.59 mm) lead space
Part Number Guide — OPB355
OPB 3 X X X
Optek Assembly
Mounting Configurations:
N — No mounting tabs
L — Emitter side mounting tab only
Photodiode Output Family
P — Sensor side mounting tab only
T — Two mounting tabs
Part Number Guide — OPB380 / OPB390
OPB 3 X 0 X X X Z
Optek Assembly
RoHS Compliant
Sensor Aperture:
1 — 0.010” (0.254 mm)
Phototransistor Output Family
5 — 0.050” (1.270 mm)
Emitter Aperture:
1 — 0.010” (0.254 mm)
Discrete Shell Material:
5 — 0.050” (1.270 mm)
8 — Base mount IR transmissive Polysulfone discrete shell
PCMountable leads
Mounting Configurations:
L — Emitter side mounting tab only
9 — Base mount opaque plastic discrete shell
N — No mounting tabs
PCMountable leads
P — Sensor side mounting tab only
T — Two mounting tabs



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com