전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN54HC02-SP 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN54HC02-SP
상세설명  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN54HC02-SP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN54HC02-SP Datasheet HTML 3Page - Texas Instruments SN54HC02-SP Datasheet HTML 4Page - Texas Instruments SN54HC02-SP Datasheet HTML 5Page - Texas Instruments SN54HC02-SP Datasheet HTML 6Page - Texas Instruments SN54HC02-SP Datasheet HTML 7Page - Texas Instruments SN54HC02-SP Datasheet HTML 8Page - Texas Instruments SN54HC02-SP Datasheet HTML 9Page - Texas Instruments SN54HC02-SP Datasheet HTML 10Page - Texas Instruments SN54HC02-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6.9 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
4.5
pF
6.10 Typical Characteristics
TA = 25°C
IOH Output High Current (mA)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
2-V
4.5-V
6-V
Figure 6-1. Typical output voltage in the high state
(VOH)
IOL Output Low Current (mA)
0
1
2
3
4
5
6
0
0.05
0.1
0.15
0.2
0.25
0.3
2-V
4.5-V
6-V
Figure 6-2. Typical output voltage in the low state
(VOL)
www.ti.com
SN74HC02, SN54HC02
SCLS076G – DECEMBER 1982 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74HC02 SN54HC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com