전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4VM 데이터시트(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
부품명 TDA4VM
상세설명  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM 데이터시트(HTML) 65 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 61Page - Texas Instruments TDA4VM Datasheet HTML 62Page - Texas Instruments TDA4VM Datasheet HTML 63Page - Texas Instruments TDA4VM Datasheet HTML 64Page - Texas Instruments TDA4VM Datasheet HTML 65Page - Texas Instruments TDA4VM Datasheet HTML 66Page - Texas Instruments TDA4VM Datasheet HTML 67Page - Texas Instruments TDA4VM Datasheet HTML 68Page - Texas Instruments TDA4VM Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
B7
SERDES4_TX3_N
SERDES4_TX3_N
O
OFF
0.8 V
VDDA_0P8_D
P /
VDDA_1P8_DP
4-L-PHY
DP0_TX3_N
SGMII8_TXN0
A8
SERDES4_TX3_P
SERDES4_TX3_P
O
OFF
0.8 V
VDDA_0P8_D
P /
VDDA_1P8_DP
4-L-PHY
DP0_TX3_P
SGMII8_TXP0
U4
soc_safety_errorn
SOC_SAFETY_ERRORn
0
IO
PD
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1/0
AA1
spi0_clk
SPI0_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
UART1_CTSn
1
I
1
I2C2_SCL
2
IOD
1
GPIO0_113
7
IO
0
Y1
spi1_clk
SPI1_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
UART5_CTSn
1
I
1
I2C4_SDA
2
IOD
1
UART2_RXD
3
I
1
GPIO0_118
7
IO
0
PRG0_IEP0_EDC_SYNC_OUT0
8
O
0
AA2
spi0_cs0
SPI0_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
UART0_RTSn
1
O
GPIO0_111
7
IO
0
Y4
spi0_cs1
SPI0_CS1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
CPTS0_TS_COMP
1
O
I2C3_SCL
2
IOD
1
DP0_HPD
5
I
0
PRG1_IEP0_EDIO_OUTVALID
6
O
GPIO0_112
7
IO
0
AB5
spi0_d0
SPI0_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
UART1_RTSn
1
O
I2C2_SDA
2
IOD
1
GPIO0_114
7
IO
0
AA3
spi0_d1
SPI0_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
I2C6_SCL
2
IOD
1
GPIO0_115
7
IO
0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com