| 전자부품 데이터시트 검색엔진 |
|
TDA4VM21 데이터시트(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 데이터시트(HTML) 87 Page - Texas Instruments |
|
87 / 331 page ![]() Table 5-9. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_54 General Purpose Input/Output IO E28 WKUP_GPIO0_55 General Purpose Input/Output IO E25 WKUP_GPIO0_56 General Purpose Input/Output IO J29 WKUP_GPIO0_57 General Purpose Input/Output IO J28 WKUP_GPIO0_58 General Purpose Input/Output IO D29 WKUP_GPIO0_59 General Purpose Input/Output IO C29 WKUP_GPIO0_60 General Purpose Input/Output IO D26 WKUP_GPIO0_61 General Purpose Input/Output IO D25 WKUP_GPIO0_62 General Purpose Input/Output IO J25 WKUP_GPIO0_63 General Purpose Input/Output IO H24 WKUP_GPIO0_64 General Purpose Input/Output IO J26 WKUP_GPIO0_65 General Purpose Input/Output IO H25 WKUP_GPIO0_66 General Purpose Input/Output IO E26 WKUP_GPIO0_67 General Purpose Input/Output IO G23 WKUP_GPIO0_68 General Purpose Input I K25 WKUP_GPIO0_69 General Purpose Input I K26 WKUP_GPIO0_70 General Purpose Input I K28 WKUP_GPIO0_71 General Purpose Input I L28 WKUP_GPIO0_72 General Purpose Input I K24 WKUP_GPIO0_73 General Purpose Input I K27 WKUP_GPIO0_74 General Purpose Input I K29 WKUP_GPIO0_75 General Purpose Input I L29 WKUP_GPIO0_76 General Purpose Input I N23 WKUP_GPIO0_77 General Purpose Input I M25 WKUP_GPIO0_78 General Purpose Input I L24 WKUP_GPIO0_79 General Purpose Input I L26 WKUP_GPIO0_80 General Purpose Input I N24 WKUP_GPIO0_81 General Purpose Input I M24 WKUP_GPIO0_82 General Purpose Input I L25 WKUP_GPIO0_83 General Purpose Input I L27 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 87 Product Folder Links: TDA4VM-Q1 TDA4VM |