전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431ACLP 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 TL431ACLP
상세설명  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431ACLP 데이터시트(HTML) 19 Page - Texas Instruments

Back Button TL431ACLP Datasheet HTML 15Page - Texas Instruments TL431ACLP Datasheet HTML 16Page - Texas Instruments TL431ACLP Datasheet HTML 17Page - Texas Instruments TL431ACLP Datasheet HTML 18Page - Texas Instruments TL431ACLP Datasheet HTML 19Page - Texas Instruments TL431ACLP Datasheet HTML 20Page - Texas Instruments TL431ACLP Datasheet HTML 21Page - Texas Instruments TL431ACLP Datasheet HTML 22Page - Texas Instruments TL431ACLP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
7 Parameter Measurement Information
Vref
Input
VKA
IKA
Figure 7-1. Test Circuit for VKA = Vref
Iref
IKA
VKA
Input
Vref
R1
R2
KA
ref
ref
R1
V
= V
1 +
+ I
× R1
R2
æ
ö
ç
÷
è
ø
Figure 7-2. Test Circuit for VKA > Vref
Ioff
VKA
Input
Figure 7-3. Test Circuit for Ioff
7.1 Temperature Coefficient
The deviation of the reference voltage, Vref, over the full temperature range is known as VI(dev). The parameter
of VI(dev) can be used to find the temperature coefficient of the device. The average full-range temperature
coefficient of the reference input voltage, αVref, is defined as:
αVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the
lower temperature. The full-range temperature coefficient is an average and therefore any subsection of the
rated operating temperature range can yield a value that is greater or less than the average. For more details on
temperature coefficient, refer to the Voltage Reference Selection Basics White Paper.
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79