전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB818 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 OPB818
상세설명  SLOTTED OPTICAL SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB818 데이터시트(HTML) 2 Page - OPTEK Technologies

  OPB818_07 Datasheet HTML 1Page - OPTEK Technologies OPB818_07 Datasheet HTML 2Page - OPTEK Technologies OPB818_07 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .3
01/07
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB818
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (see OP240 for additional information)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (see OP550 for additional information)
V(BR)(CEO)
Collector-Emitter Breakdown Voltage
30
-
-
V
IC =1 mA
V(BR)(ECO)
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Leakage Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Coupled
IC(ON)
On-State Collector Current
100
-
-
µA
VCE = 10 V, IF = 20 mA
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 50 µA, IF = 20 mA
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +85° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
(1)
260° C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3 A
Reverse DC Voltage
2 V
Power Dissipation
(2)
100 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(2)
100 mW
Collector DC Current
30 mA
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 1.67 mW/°C above 25° C.
(3)
All parameters were tested using pulse techniques.
(4)
Leads are 0.20” square (5.080 mm) and 0.425” long (10.80 mm), minimum.
(5)
Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and
ketones. Spray and wipe; do not submerge.
(6)
Polarity is denoted by color of housing top: LED (gray or clear), sensor (black).



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com