전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AVR16EB32 데이터시트(PDF) 30 Page - Microchip Technology

부품명 AVR16EB32
상세설명  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 데이터시트(HTML) 30 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology AVR16EB32 Datasheet HTML 29Page - Microchip Technology AVR16EB32 Datasheet HTML 30Page - Microchip Technology AVR16EB32 Datasheet HTML 31Page - Microchip Technology AVR16EB32 Datasheet HTML 32Page - Microchip Technology AVR16EB32 Datasheet HTML 33Page - Microchip Technology AVR16EB32 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
AVR16EB32 Curiosity Nano
Revision History
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 30
Workaround 1
The Curiosity Nano debugger can be re-provisioned by the end-user with updated masks using a
binary utility.
Procedure:
1. Navigate to github.com/microchip-pic-avr-tools/debuggerconfigfix and download the
debuggerconfigfix utility for the appropriate operating system.
2. Connect the Curiosity Nano kit to the host PC and reprovision the debugger by opening a
command-line/terminal and executing the binary
debuggerconfigfix.exe
3. Check the console output for success indication:
*** Debugger configuration SUCCESS ***
4. Unplug the Curiosity Nano kit and plug it in again for the new mask to take effect.
Workaround 2
The Curiosity Nano debugger can be re-provisioned by the end-user with updated masks using a
Python-based utility.
Requirements:
• Python 3.8 or later installed
Procedure:
1. Install the pydebuggerconfig Python package using:
pip install pydebuggerconfig
Note: If the pydebuggerconfig package is already installed, update it to version 3.11 or newer.
2. Connect the Curiosity Nano kit to the host PC and reprovision the debugger using
pydebuggerconfig write -d AVR16EB32-device-blob.xml
3. Unplug the Curiosity Nano kit and plug it in again for the new mask to take effect.
Workaround 3
When writes to reserved locations are skipped by the debugger, this issue occurs, and the
verification fails as unexpected values read back. You can avoid verification errors by providing
the reserved fuse values already in the MCU in the project being programmed.
For example, in a project, a structure like this specifies the fuse values:
FUSES =
{
...
};
The values already programmed in reserved locations can be added to this structure (in this case
0xFF) by adding:
.reserved_1 = {0xFF, 0xFF},
.reserved_2 = 0xFF,
During verification, the specified values will match the values already programmed, and no
verification issues will be seen.
5.2
Document Revision History
Doc. Rev.
Date
Comments
B
9/2024
Added revision 2 ERRATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46