전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HV7358-V/AFA 데이터시트(PDF) 4 Page - Microchip Technology

부품명 HV7358-V/AFA
상세설명  16-Channel, 3-Level HV Ultrasound Transmitter with Built-in Transmit Beamformer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7358-V/AFA 데이터시트(HTML) 4 Page - Microchip Technology

  HV7358-V/AFA Datasheet HTML 1Page - Microchip Technology HV7358-V/AFA Datasheet HTML 2Page - Microchip Technology HV7358-V/AFA Datasheet HTML 3Page - Microchip Technology HV7358-V/AFA Datasheet HTML 4Page - Microchip Technology HV7358-V/AFA Datasheet HTML 5Page - Microchip Technology HV7358-V/AFA Datasheet HTML 6Page - Microchip Technology HV7358-V/AFA Datasheet HTML 7Page - Microchip Technology HV7358-V/AFA Datasheet HTML 8Page - Microchip Technology HV7358-V/AFA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
HV7358
DS20005918A-page 4
 2018 Microchip Technology Inc.
Typical Applications
FIGURE 2:
Multiple HV7358 Devices are Working Together as a 64-Channel Pulser and
Beamformer. For More Details about Daisy-Chained SPI Connections, see Figure 4-2 and the Associated
Discussion.
+2.5/3.3V
FPGA I/Os
CNRL BUS
GND
+2.5/3.3V +5V
GND
VLL AVDD
VDD
0.22 μF
2 μF
CPLL
0.1
2 μF
2 μF
SUB
to
Ch 1-15
X0
Rx0
Tx0
Rx0
RGND
VNN
VNF
VPF
VPP
+3 to 80V
CPF
VPP
2 μF
1 μF 100V
-3 to -80V
CNF
VNN
1 μF 100V
2 μF
1 of 16-Ch Shown
RGND
RxDMP0
TRSW0
RTZSW0
VDD
VNEG
Rb
Rb
U1
VNEG
RDP
RPP
RDN
RNN
TCLKP,N
(LVDS33)
TXRW
TCKP/N
TRIGP/N
BEN
W0,1
INV
OTPN
DISC
CW
SDA
SCL
A0,1,2
SDLY
EN
PEN
ETO
ETI
LPWM
I2C BUS
0.1 μFx2
2
SPI BUS
GND
+2.5/3.3V
+5V
GND
VLL
AVDD
VDD
0.22 μF
2 μF
2 μF
2 μF
SUB
to
Ch 1-15
X0
Rx0
Tx0
Rx0
RGND
VNN
VNF
VPF
VPP
+3 to 80V
CPF
VPP
2 μF
1 μF 100V
-3 to -80V
1 μF 100V
CNF
VNN
2 μF
RGND
RxDMP0
TRSW0
RTZSW0
VDD
VNEG
Rb
Rb
U2
CNEG
RDP
RPP
RDN
RNN
U4
SDOP
,
3
OTPN, ETO
ETI, LCKD
LOGIC
&
PLL
LOGIC
&
PLL
U3,U4
OTPN
ETO/ETI
LCKD
BEN
W0,1
INV
OTPN
DISC
CW
SDA
SCL
A0,1,2
SDLY
EN
PEN
ETO
LCKD
LPWM
-5V
2 μF
VGN
2 μF
-5V
2 μF
VGN
2 μF
CPLL
0.1
+5V
+5V
VLL
2.2K
2.2K
VLL
2.2K
2.2K
2.2K
RSTN
RSTN
ETI
LCKD
TXRW
TCKP/N
TRIGP/N
1 of 16-Ch Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com