전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PXV100AQ-F200-R4-V19 데이터시트(PDF) 3 Page - Pepperl+Fuchs Inc.

부품명 PXV100AQ-F200-R4-V19
상세설명  Optical reader - safePXV/PUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PXV100AQ-F200-R4-V19 데이터시트(HTML) 3 Page - Pepperl+Fuchs Inc.

  PXV100AQ-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PXV100AQ-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PXV100AQ-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PXV100AQ-F200-R4-V19 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Relative humidity
90 % , noncondensing
Mechanical specifications
Connection type
8-pin, M12 x 1 connector
Degree of protection
IP67
Material
Housing
PC/ABS
Mass
approx. 160 g
Dimensions
Height
70 mm
Width
70 mm
Depth
50 mm
General information
Note
0° orientation to the DataMatrix code tape
Connection
1
2
3
4
5
6
7
8
Enable Blue
+ UB
Data + / TX / 485+
Data - / RX / 485-
Sync. Out
Enable Red
GND
Not Connected
Connection Assignment
1
4
6
7
8
5
3
2
Function Principle
000 009.
0 m PXV
-AA25
www.pe
pper
l-fuchs.com
Y
X
Position Data
Optical reader - safePXV/PUS
PXV100AQ-F200-R4-V19
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com