| 전자부품 데이터시트 검색엔진 |
|
PTV08040WAD 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PTV08040WAD 데이터시트(HTML) 11 Page - Texas Instruments |
|
11 / 23 page ![]() www.ti.com PTV08040W SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007 Table 3. Output Voltage Set-Point Resistor Values VO RSET VO RSET VO RSET 0.8 Open 1.375 34.8 k Ω 2.4 7.87 k Ω 0.825 953 k Ω 1.4 33.2 k Ω 2.45 7.50 k Ω 0.85 475 k Ω 1.425 31.6 k Ω 2.5 6.98 k Ω 0.875 316 k Ω 1.45 30.1 k Ω 2.55 6.65 k Ω 0.9 232 k Ω 1.475 28.7 k Ω 2.6 6.19 k Ω 0.925 187 k Ω 1.5 27.4 k Ω 2.65 5.90 k Ω 0.95 154 k Ω 1.55 24.9 k Ω 2.7 5.49 k Ω 0.975 130 k Ω 1.6 22.6 k Ω 2.75 5.23 k Ω 1 113 k Ω 1.65 21.0 k Ω 2.8 4.87 k Ω 1.025 100 k Ω 1.7 19.6 k Ω 2.85 4.64 k Ω 1.05 88.7 k Ω 1.75 18.2 k Ω 2.9 4.32 k Ω 1.075 80.6 k Ω 1.8 16.9 k Ω 2.95 4.02 k Ω 1.1 73.2 k Ω 1.85 15.8 k Ω 3 3.83 k Ω 1.125 66.5 k Ω 1.9 14.7 k Ω 3.05 3.57 k Ω 1.15 61.9 k Ω 1.95 13.7 k Ω 3.1 3.32 k Ω 1.175 57.6 k Ω 2 13.0 k Ω 3.15 3.09 k Ω 1.2 53.6 k Ω 2.05 12.1 k Ω 3.2 2.87 k Ω 1.225 49.9 k Ω 2.1 11.3 k Ω 3.25 2.67 k Ω 1.25 46.4 k Ω 2.15 10.7 k Ω 3.3 2.49 k Ω 1.275 43.2 k Ω 2.2 10.0 k Ω 3.35 2.32 k Ω 1.3 41.2 k Ω 2.25 9.53 k Ω 3.4 2.10 k Ω 1.325 38.3 k Ω 2.3 8.87 k Ω 3.5 1.78 k Ω 1.35 36.5 k Ω 2.35 8.45 k Ω 3.6 1.47 k Ω 11 Submit Documentation Feedback |