| 전자부품 데이터시트 검색엔진 |
|
310 데이터시트(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
310 데이터시트(HTML) 2 Page - France Joint |
|
2 / 3 page ![]() www.francejoint.com R2 L1 R1 L1 C R2 R1 C H1 | DIMENSIONS Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.25 310.0060145 6.00 14.00 5.70 6.30 310.0120227 12.00 22.00 7.30 8.00 310.0490651 49.20 65.00 10.00 11.00 310.6050058 50.00 58.00 5.70 6.30 310.0500586 50.00 58.00 6.00 7.00 310.0500588 50.00 58.00 8.00 9.00 310.0500606 50.00 60.00 6.00 7.00 310.8050060 50.00 60.00 7.20 8.00 310.0500607 50.00 60.00 7.30 8.00 310.0500608 50.00 60.00 8.00 9.00 310.0500609 50.00 60.00 9.00 10.00 310.0500601 50.00 60.00 10.00 11.00 310.0140215 14.00 21.00 5.00 5.60 310.0500602 50.00 60.00 12.00 13.00 310.0500603 50.00 60.00 13.50 14.50 310.0500659 50.00 65.00 9.00 10.00 310.0500651 50.00 65.00 10.00 11.00 310.0500652 50.00 65.00 11.50 12.50 310.0500703 50.00 70.00 13.50 14.50 310.0500637 50.80 63.88 17.00 18.00 310.0510573 51.00 57.00 3.50 4.50 310.0550635 55.00 63.00 5.70 6.30 310.0550636 55.00 63.00 6.00 7.00 310.0140225 14.00 22.00 5.70 6.30 310.0550639 55.00 63.00 8.00 9.00 310.0550656 55.00 65.00 6.00 7.00 310.0550658 55.00 65.00 8.00 9.00 310.0550651 55.00 65.00 10.00 11.00 310.0550652 55.00 65.00 12.00 13.00 310.0550751 55.00 75.00 12.00 13.00 310.0560665 56.00 66.00 5.00 5.60 310.7056066 56.00 66.00 6.80 7.50 310.0560711 56.00 71.00 11.50 12.50 310.0560765 56.00 76.00 15.00 16.00 310.0140247 14.00 24.00 7.30 8.00 310.0580684 58.00 68.00 13.00 14.00 310.0600686 60.00 68.00 7.00 8.00 310.0600688 60.00 68.00 8.00 9.00 310.0600681 60.00 68.00 11.50 12.50 310.0600684 60.00 68.00 13.00 14.00 310.0600706 60.00 70.00 6.00 7.00 310.0600707 60.00 70.00 7.00 8.00 310.0600701 60.00 70.00 10.00 11.00 310.0600702 60.00 70.00 12.00 13.00 310.7063073 63.00 73.00 6.80 7.50 310.5016023 16.00 23.00 5.00 5.60 310.0630781 63.00 78.00 11.50 12.50 310.0630831 63.00 83.00 15.00 16.00 Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.25 310.0650736 65.00 73.00 6.00 7.00 310.0650738 65.00 73.00 8.00 9.00 310.0650751 65.00 75.00 10.00 11.00 310.0650752 65.00 75.00 12.00 13.00 310.0680768 68.00 76.00 8.00 9.00 310.0700806 70.00 80.00 6.50 7.50 310.7070080 70.00 80.00 6.80 7.50 310.0700807 70.00 80.00 7.00 8.00 310.6016024 16.00 24.00 5.70 6.30 310.0700809 70.00 80.00 9.00 10.00 310.1070080 70.00 80.00 10.00 11.00 310.0700801 70.00 80.00 11.50 12.50 310.0700802 70.00 80.00 12.00 13.00 310.0700829 70.00 82.00 9.00 10.00 310.0700851 70.00 85.00 11.50 12.50 310.0700905 70.00 90.00 15.00 16.00 310.0750852 75.00 85.00 12.00 13.00 310.0800905 80.00 90.00 5.00 5.60 310.7080090 80.00 90.00 6.80 7.50 310.0160267 16.00 26.00 7.30 8.00 310.0800901 80.00 90.00 10.00 11.00 310.0800902 80.00 90.00 12.00 13.00 310.0800929 80.00 92.00 9.00 10.00 310.0800951 80.00 95.00 11.50 12.50 310.0801005 80.00 100.00 15.00 16.00 310.0801006 80.00 100.00 15.50 16.50 310.0800922 80.50 92.50 12.00 13.00 310.0840948 84.00 94.00 8.00 9.00 310.0850936 85.00 93.00 6.50 7.50 310.0850957 85.00 95.00 7.00 8.00 310.5018025 18.00 25.00 5.00 5.60 310.0851053 85.00 105.00 13.50 14.50 310.0851055 85.00 105.00 15.00 16.00 310.0901006 90.00 100.00 6.00 7.00 310.0901007 90.00 100.00 6.50 7.50 310.0901009 90.00 100.00 9.00 10.00 310.0901001 90.00 100.00 11.50 12.50 310.0901051 90.00 105.00 11.50 12.50 310.0901105 90.00 110.00 15.00 16.00 310.0921008 92.00 100.00 8.00 9.00 310.0921218 92.00 121.00 18.00 19.00 310.6018026 18.00 26.00 5.70 6.30 310.0951051 95.00 105.00 10.00 11.00 310.0961074 96.50 107.00 4.50 5.00 310.1001088 100.00 108.00 8.00 9.00 310.1001105 100.00 110.00 5.00 5.60 310.1001101 100.00 110.00 10.00 11.00 310.1001132 100.00 113.00 12.00 13.00 HYDRAULIC SEALS | PISTON/ROD SEALS | BECA 310 |