| 전자부품 데이터시트 검색엔진 |
|
335 데이터시트(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
335 데이터시트(HTML) 2 Page - France Joint |
|
2 / 4 page ![]() www.francejoint.com H1 R2 L1 L1 C R1 C R2 R1 | DIMENSIONS Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.5 335.0040094 4.00 9.00 4.00 4.50 335.0040104 4.00 10.00 4.00 4.50 335.0700148 7.00 14.00 8.00 9.00 335.0140086 8.00 14.00 6.00 6.50 335.0100166 10.00 16.00 6.50 7.50 335.0180105 10.00 18.00 5.50 6.00 335.0180106 10.00 18.00 6.00 6.50 335.0190104 10.00 19.00 4.00 5.00 335.0100226 10.00 22.00 6.00 7.00 335.0250107 10.00 25.00 7.00 8.00 335.0120184 12.00 18.00 4.50 5.50 335.0120185 12.00 18.00 5.00 6.00 335.0120186 12.00 18.00 6.00 6.50 335.0190124 12.00 19.00 4.50 5.00 335.0220128 12.00 22.00 8.00 9.00 335.0120248 12.00 24.00 7.00 8.00 335.0200134 13.00 20.00 4.50 5.00 335.0200135 13.00 20.00 5.50 6.50 335.0130206 13.00 20.00 6.00 7.00 335.0250131 13.00 25.00 10.00 11.00 335.0200144 14.00 20.00 4.50 5.50 335.0140205 14.00 20.00 5.00 6.00 335.0220144 14.00 22.00 4.00 5.00 335.0220146 14.00 22.00 6.00 7.00 335.0220149 14.00 22.00 9.00 10.00 335.0250146 14.00 25.00 6.00 7.00 335.0220154 15.00 22.00 3.50 4.00 335.0250155 15.00 25.00 5.80 7.00 335.0250158 15.00 25.00 8.00 9.00 335.0250150 15.00 25.00 10.00 11.00 335.0160224 16.00 22.00 4.00 4.50 335.0240166 16.00 24.00 5.50 6.00 335.0160249 16.00 24.00 9.00 10.00 335.0260168 16.00 26.00 8.00 9.00 335.0320168 16.00 32.00 8.00 9.00 335.0250184 18.00 25.00 4.00 5.00 335.0180288 18.00 28.00 8.00 9.00 335.0300188 18.00 30.00 8.00 9.00 335.0250195 19.00 25.00 5.00 6.00 335.0250196 19.00 25.00 6.00 7.00 335.1925838 19.00 25.80 3.30 3.80 Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.5 335.0200285 20.00 28.00 4.00 5.00 335.0300207 20.00 30.00 7.50 8.50 335.0300208 20.00 30.00 8.00 9.00 335.0300200 20.00 30.00 10.00 11.00 335.0350201 20.00 35.00 10.00 11.00 335.0220305 22.00 30.00 5.00 6.00 335.0220306 22.00 30.00 6.00 7.00 335.0320228 22.00 32.00 8.00 9.00 335.0340228 22.00 34.00 8.00 9.00 335.0240326 24.00 32.00 5.70 6.30 335.0320247 24.00 32.00 7.00 8.00 335.0240408 24.00 40.00 8.00 9.00 335.0400241 24.00 40.00 10.00 11.00 335.0250306 25.00 30.00 6.00 7.00 335.0330251 25.00 33.00 10.00 11.00 335.0350255 25.00 35.00 5.00 6.00 335.0350256 25.00 35.00 6.00 7.00 335.0350258 25.00 35.00 8.00 9.00 335.1035025 25.00 35.00 10.00 11.00 335.0380251 25.00 38.00 10.00 11.00 335.0400255 25.00 40.00 5.00 6.00 335.0400257 25.00 40.00 6.00 7.00 335.0400250 25.00 40.00 10.00 11.00 335.0250441 25.00 44.00 10.00 11.00 335.0380257 25.40 38.10 7.93 9.00 335.0280357 28.00 35.00 6.50 7.30 335.0350288 28.00 35.00 8.00 9.00 335.0280385 28.00 38.00 5.50 7.00 335.0380287 28.00 38.00 7.00 7.50 335.0280408 28.00 40.00 8.90 9.90 335.0280401 28.00 40.00 10.00 11.00 335.2850451 28.50 45.00 10.50 11.50 335.0300365 30.00 36.00 5.00 6.00 335.0300366 30.00 36.00 6.00 6.50 335.3039565 30.00 39.50 6.50 7.50 335.0400305 30.00 40.00 5.00 6.00 335.0400306 30.00 40.00 6.50 7.50 335.0400307 30.00 40.00 7.00 8.00 335.0400308 30.00 40.00 7.50 8.00 335.0400300 30.00 40.00 10.00 11.00 335.0420306 30.00 42.00 6.00 7.00 HYDRAULIC SEALS | PISTON/ROD SEALS | BECA 335 |