전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PT2256-SL 데이터시트(PDF) 13 Page - Princeton Technology Corp

부품명 PT2256-SL
상세설명  Electronic Volume Controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PTC [Princeton Technology Corp]
홈페이지  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256-SL 데이터시트(HTML) 13 Page - Princeton Technology Corp

Back Button PT2256-SL Datasheet HTML 9Page - Princeton Technology Corp PT2256-SL Datasheet HTML 10Page - Princeton Technology Corp PT2256-SL Datasheet HTML 11Page - Princeton Technology Corp PT2256-SL Datasheet HTML 12Page - Princeton Technology Corp PT2256-SL Datasheet HTML 13Page - Princeton Technology Corp PT2256-SL Datasheet HTML 14Page - Princeton Technology Corp PT2256-SL Datasheet HTML 15Page - Princeton Technology Corp PT2256-SL Datasheet HTML 16Page - Princeton Technology Corp PT2256-SL Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 13 -
August, 2006
Electronic Volume Controller IC
PT2256
ORDER INFORMATION
Part Number
Package
Top Code
PT2256
16 Pins, DIP, 300mil
PT2256
PT2256-S
16 Pins, SOP, 300mil
PT2256-S
PT2256-SN
16 Pins, SOP, 150mil
PT2256-SN
PT2256 (L)
16 Pins, DIP, 300mil
PT2256
PT2256-S (L)
16 Pins, SOP, 300mil
PT2256-S
PT2256-SN (L)
16 Pins, SOP, 150mil
PT2256-SN
Notes:
1. (L), (C) or (S) = Lead Free.
2. The Lead Free mark is put in front of the date code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com