전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

335.0340468 데이터시트(PDF) 2 Page - France Joint

부품명 335.0340468
상세설명  PISTON/ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

335.0340468 데이터시트(HTML) 2 Page - France Joint

  335.0340468 Datasheet HTML 1Page - France Joint 335.0340468 Datasheet HTML 2Page - France Joint 335.0340468 Datasheet HTML 3Page - France Joint 335.0340468 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.francejoint.com
H1
R2
L1
L1
C
R1
C
R2
R1
|
DIMENSIONS
Part number
Rod
diameter
Ød1 f8
Groove
diameter
Ød1 f8
Groove
diameter
ØD1 H9
Bore
diameter
ØD1 H10
Seal height
H1
Groove
width
L1 0/+0.5
335.0040094
4.00
9.00
4.00
4.50
335.0040104
4.00
10.00
4.00
4.50
335.0700148
7.00
14.00
8.00
9.00
335.0140086
8.00
14.00
6.00
6.50
335.0100166
10.00
16.00
6.50
7.50
335.0180105
10.00
18.00
5.50
6.00
335.0180106
10.00
18.00
6.00
6.50
335.0190104
10.00
19.00
4.00
5.00
335.0100226
10.00
22.00
6.00
7.00
335.0250107
10.00
25.00
7.00
8.00
335.0120184
12.00
18.00
4.50
5.50
335.0120185
12.00
18.00
5.00
6.00
335.0120186
12.00
18.00
6.00
6.50
335.0190124
12.00
19.00
4.50
5.00
335.0220128
12.00
22.00
8.00
9.00
335.0120248
12.00
24.00
7.00
8.00
335.0200134
13.00
20.00
4.50
5.00
335.0200135
13.00
20.00
5.50
6.50
335.0130206
13.00
20.00
6.00
7.00
335.0250131
13.00
25.00
10.00
11.00
335.0200144
14.00
20.00
4.50
5.50
335.0140205
14.00
20.00
5.00
6.00
335.0220144
14.00
22.00
4.00
5.00
335.0220146
14.00
22.00
6.00
7.00
335.0220149
14.00
22.00
9.00
10.00
335.0250146
14.00
25.00
6.00
7.00
335.0220154
15.00
22.00
3.50
4.00
335.0250155
15.00
25.00
5.80
7.00
335.0250158
15.00
25.00
8.00
9.00
335.0250150
15.00
25.00
10.00
11.00
335.0160224
16.00
22.00
4.00
4.50
335.0240166
16.00
24.00
5.50
6.00
335.0160249
16.00
24.00
9.00
10.00
335.0260168
16.00
26.00
8.00
9.00
335.0320168
16.00
32.00
8.00
9.00
335.0250184
18.00
25.00
4.00
5.00
335.0180288
18.00
28.00
8.00
9.00
335.0300188
18.00
30.00
8.00
9.00
335.0250195
19.00
25.00
5.00
6.00
335.0250196
19.00
25.00
6.00
7.00
335.1925838
19.00
25.80
3.30
3.80
Part number
Rod
diameter
Ød1 f8
Groove
diameter
Ød1 f8
Groove
diameter
ØD1 H9
Bore
diameter
ØD1 H10
Seal height
H1
Groove
width
L1 0/+0.5
335.0200285
20.00
28.00
4.00
5.00
335.0300207
20.00
30.00
7.50
8.50
335.0300208
20.00
30.00
8.00
9.00
335.0300200
20.00
30.00
10.00
11.00
335.0350201
20.00
35.00
10.00
11.00
335.0220305
22.00
30.00
5.00
6.00
335.0220306
22.00
30.00
6.00
7.00
335.0320228
22.00
32.00
8.00
9.00
335.0340228
22.00
34.00
8.00
9.00
335.0240326
24.00
32.00
5.70
6.30
335.0320247
24.00
32.00
7.00
8.00
335.0240408
24.00
40.00
8.00
9.00
335.0400241
24.00
40.00
10.00
11.00
335.0250306
25.00
30.00
6.00
7.00
335.0330251
25.00
33.00
10.00
11.00
335.0350255
25.00
35.00
5.00
6.00
335.0350256
25.00
35.00
6.00
7.00
335.0350258
25.00
35.00
8.00
9.00
335.1035025
25.00
35.00
10.00
11.00
335.0380251
25.00
38.00
10.00
11.00
335.0400255
25.00
40.00
5.00
6.00
335.0400257
25.00
40.00
6.00
7.00
335.0400250
25.00
40.00
10.00
11.00
335.0250441
25.00
44.00
10.00
11.00
335.0380257
25.40
38.10
7.93
9.00
335.0280357
28.00
35.00
6.50
7.30
335.0350288
28.00
35.00
8.00
9.00
335.0280385
28.00
38.00
5.50
7.00
335.0380287
28.00
38.00
7.00
7.50
335.0280408
28.00
40.00
8.90
9.90
335.0280401
28.00
40.00
10.00
11.00
335.2850451
28.50
45.00
10.50
11.50
335.0300365
30.00
36.00
5.00
6.00
335.0300366
30.00
36.00
6.00
6.50
335.3039565
30.00
39.50
6.50
7.50
335.0400305
30.00
40.00
5.00
6.00
335.0400306
30.00
40.00
6.50
7.50
335.0400307
30.00
40.00
7.00
8.00
335.0400308
30.00
40.00
7.50
8.00
335.0400300
30.00
40.00
10.00
11.00
335.0420306
30.00
42.00
6.00
7.00
HYDRAULIC SEALS | PISTON/ROD SEALS |
BECA 335



Html Pages

1 2 3 4