전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT4A80ES 데이터시트(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

부품명 ADT4A80ES
상세설명  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
홈페이지  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT4A80ES 데이터시트(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT4A80ES Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80ES Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80ES Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80ES Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80ES Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80ES Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                      ADT4A60E/80E
 
5 / 6
www.advsemi.com
Feb,2017 -Rev.3.05
ADV
PACKAGE MECHANICAL DATA
TO-252-2 Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
ADT4A60E#
TO-252-2
ADT4A60E#
Tube
80pcs
Embossed tape
2500pcs
ADT4A80E#
TO-252-2
ADT4A80E#
Tube
80pcs
Embossed tape
2500pcs
Note:# = Gate Trigger Current Sensitivity and type
ADVANCED
Internal control code
Current:4=4A
SCR Series
Sensitivity and type:
T=0.2mA
S=15mA
Blank=30mA
W=80mA
Voltage:60=600V 80=800V
Package explain:E=TO-252-2
Symb
ol
Dimensions
In Millimeters
Dimensions
In Inches
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
0.000
0.127
0.000
0.005
B
1.070
1.220
0.042
0.048
b
0.720
0.850
0.028
0.033
b1
0.720
0.850
0.028
0.033
c
0.450
0.620
0.017
0.024
c1
0.450
0.620
0.017
0.024
D
6.350
6.650
0.250
0.262
D1
5.200
5.400
0.205
0.213
E
5.900
6.200
0.232
0.244
e
2.300 TYP.
0.091 TYP.
e1
4.500
4.700
0.177
0.185
L
9.500
10.60
0.374
0.396
L1
2.550
2.900
0.100
0.114
L2
1.400
1.780
0.055
0.070
L3
0.600
0.900
0.024
0.035
V
3.950 REF.
0.155 REF.
ADV
ADT4A60ET
XXXX
XXXH
XX
ADV:Logo
ADT4A60ET:Part number
X:Internal control code
H:Halogen Free



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com