전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBP201 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 KBP201
상세설명  Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP201 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBP201 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP201 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 668 -
.460(11.68)
.420(10.6)
.160(4.1)
.140(3.6)
.153(3.9)
.146(3.7)
.050(1.27)
.5
MIN
(12.7)
SPACING
AC
.035(0.9)
.028(0.7)
.600(15.24)
.560(14.22)
KBP201 THRU KBP207
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
2.0 Amperes
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260
℃ / 10 seconds at 5 lbs. ( 2.3 Kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
KBP
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBP
201
KBP
202
KBP
203
KBP
204
KBP
205
KBP
206
KBP
207
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJA
R
θJL
25
8
℃/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.
With 0.47 x 0.47” (12 x 12mm) Copper Pads.


유사한 부품 번호 - KBP201

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
KBP201 WTE-KBP201 Datasheet
37Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBP201 JGD-KBP201 Datasheet
118Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBP201 EIC-KBP201 Datasheet
18Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
Comchip Technology
KBP201 COMCHIP-KBP201 Datasheet
138Kb / 3P
Silicon Bridge Rectifiers
More results

유사한 설명 - KBP201

제조업체부품명데이터시트상세설명
logo
Surge Components
2W005M SURGE-2W005M Datasheet
123Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
Jinan Gude Electronic D...
KBP200 JGD-KBP200 Datasheet
118Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
RC2005 JGD-RC2005 Datasheet
121Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
2W005 TSC-2W005 Datasheet
261Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M Datasheet
75Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M_1 Datasheet
262Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
2W005 YANGJIE-2W005 Datasheet
250Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Daya Electric Group Co....
2W005 DAYA-2W005 Datasheet
287Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
2W005M NJSEMI-2W005M Datasheet
107Kb / 1P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com