전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRS1035 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 MBRS1035
상세설명  10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1035 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS1035 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1035 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MBRS1035 THRU MBRS10150)
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
FORWARD VOLTAGE. (V)
FIG.1- FORWARD CURRENT DERATING CURVE
Version: B07
0
50
100
150
0
2
4
o
CASE TEMPERATURE. ( C)
6
8
10
180
RESISTIVE OR INDUCTIVE LOAD
0.6
0.8
1.0
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.0
0.5
3.0
10
50
5.0
20
0
Tj=150 C
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
10
100
140
120
160
NUMBER OF CYCLES AT 60Hz
80
60
40
100
1
Tj=Tj max.
8.3ms Single Half Sine-Wave
JEDEC Method
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.01
1.0
10
0
Tj=25 C
0
Tj=100 C
1
0.01
0.1
10
80
1000
600
500
400
300
200
100
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
MBRS10
35-MBR
S1045
MBRS105
0-MBRS1
060
MBRS1090-M
BRS10150
0
Tj=100 C
0
Tj=25 C



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com