전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65MLVD080 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN65MLVD080
상세설명  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 데이터시트(HTML) 4 Page - Texas Instruments

  SN65MLVD080 Datasheet HTML 1Page - Texas Instruments SN65MLVD080 Datasheet HTML 2Page - Texas Instruments SN65MLVD080 Datasheet HTML 3Page - Texas Instruments SN65MLVD080 Datasheet HTML 4Page - Texas Instruments SN65MLVD080 Datasheet HTML 5Page - Texas Instruments SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Type 1
50
VIT+
Positive-going differential input voltage threshold (A, B)
mV
Type 2
150
Type 1
–50
See Figure 9, Table 1 and
VIT–
Negative-going differential input voltage threshold (A, B)
mV
Table 2
Type 2
50
Type 1
25
VHYS Differential input voltage hysteresis, (VIT+– VIT–) (A, B)
mV
Type 2
0
VOH
High-level output voltage (R)
IOH = –8 mA
2.4
V
VOL
Low-level output voltage (R)
IOL = 8 mA
0.4
V
IIH
High-level input current (RE)
VIH = 2 V to VCC
–10
µA
IIL
Low-level input current (RE)
VIL = GND to 0.8 V
–10
µA
IOZ
High-impedance output current (R)
VO = 0 V or VCC
–10
15
µA
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
VA = 3.8 V,
VB = 1.2 V
0
32
Receiver or transceiver with driver
IA
VA = 0 V or 2.4 V,
VB = 1.2 V
–20
20
µA
disabled input current
VA = –1.4 V,
VB = 1.2 V
–32
0
VB = 3.8 V,
VA = 1.2 V
0
32
Receiver or transceiver with driver
IB
VB = 0 V or 2.4 V,
VA = 1.2 V
–20
20
µA
disabled input current
VB = –1.4 V,
VA = 1.2 V
–32
0
Receiver or transceiver with driver
IAB
disabled differential input current
VA = VB ,
1.4
≤ V
A ≤ 3.8 V
–4
4
µA
(IA– IB)
VA = 3.8 V,
VB = 1.2 V,
0 V
≤ V
CC≤ 1.5 V
0
32
Receiver or transceiver power-off input
IA(OFF)
VA = 0 V or 2.4 V,
VB = 1.2 V,
0 V
≤ V
CC≤ 1.5 V
–20
20
µA
current
VA = –1.4 V,
VB= 1.2 V,
0 V
≤ V
CC≤ 1.5 V
–32
0
VB = 3.8 V,
VA = 1.2 V,
0 V
≤ V
CC≤ 1.5 V
0
32
Receiver or transceiver power-off input
IB(OFF)
VB = 0 V or 2.4 V,
VA = 1.2 V,
0 V
≤ V
CC≤ 1.5 V
–20
20
µA
current
VB = –1.4 V,
VA = 1.2 V,
0 V
≤ V
CC≤ 1.5 V
–32
0
Receiver input or transceiver power-off
IAB(OF
differential input current
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
µA
F)
(IA(off)– IB(off))
Transceiver with driver disabled
CA
VA = 0.4 sin (30E6πt) + 0.5 V(2),
VB = 1.2 V
5
pF
input capacitance
Transceiver with driver disabled
CB
VB = 0.4 sin (30E6πt) + 0.5 V(2),
VA = 1.2 V
5
pF
input capacitance
Transceiver with driver disabled
CAB
VAB = 0.4 sin (30E6πt)V(2)
3
pF
differential input capacitance
Transceiver with driver disabled
CA/B
0.99
1.01
input capacitance balance, (CA/CB)
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28