| 전자부품 데이터시트 검색엔진 |
|
SN65MLVD082DGG 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN65MLVD082DGG 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 28 page ![]() www.ti.com RECEIVER ELECTRICAL CHARACTERISTICS BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS SN65MLVD080 SN65MLVD082 SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005 over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Type 1 50 VIT+ Positive-going differential input voltage threshold (A, B) mV Type 2 150 Type 1 –50 See Figure 9, Table 1 and VIT– Negative-going differential input voltage threshold (A, B) mV Table 2 Type 2 50 Type 1 25 VHYS Differential input voltage hysteresis, (VIT+– VIT–) (A, B) mV Type 2 0 VOH High-level output voltage (R) IOH = –8 mA 2.4 V VOL Low-level output voltage (R) IOL = 8 mA 0.4 V IIH High-level input current (RE) VIH = 2 V to VCC –10 µA IIL Low-level input current (RE) VIL = GND to 0.8 V –10 µA IOZ High-impedance output current (R) VO = 0 V or VCC –10 15 µA (1) All typical values are at 25 °C and with a 3.3-V supply voltage. over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VA = 3.8 V, VB = 1.2 V 0 32 Receiver or transceiver with driver IA VA = 0 V or 2.4 V, VB = 1.2 V –20 20 µA disabled input current VA = –1.4 V, VB = 1.2 V –32 0 VB = 3.8 V, VA = 1.2 V 0 32 Receiver or transceiver with driver IB VB = 0 V or 2.4 V, VA = 1.2 V –20 20 µA disabled input current VB = –1.4 V, VA = 1.2 V –32 0 Receiver or transceiver with driver IAB disabled differential input current VA = VB , 1.4 ≤ V A ≤ 3.8 V –4 4 µA (IA– IB) VA = 3.8 V, VB = 1.2 V, 0 V ≤ V CC≤ 1.5 V 0 32 Receiver or transceiver power-off input IA(OFF) VA = 0 V or 2.4 V, VB = 1.2 V, 0 V ≤ V CC≤ 1.5 V –20 20 µA current VA = –1.4 V, VB= 1.2 V, 0 V ≤ V CC≤ 1.5 V –32 0 VB = 3.8 V, VA = 1.2 V, 0 V ≤ V CC≤ 1.5 V 0 32 Receiver or transceiver power-off input IB(OFF) VB = 0 V or 2.4 V, VA = 1.2 V, 0 V ≤ V CC≤ 1.5 V –20 20 µA current VB = –1.4 V, VA = 1.2 V, 0 V ≤ V CC≤ 1.5 V –32 0 Receiver input or transceiver power-off IAB(OF differential input current VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V –4 4 µA F) (IA(off)– IB(off)) Transceiver with driver disabled CA VA = 0.4 sin (30E6πt) + 0.5 V(2), VB = 1.2 V 5 pF input capacitance Transceiver with driver disabled CB VB = 0.4 sin (30E6πt) + 0.5 V(2), VA = 1.2 V 5 pF input capacitance Transceiver with driver disabled CAB VAB = 0.4 sin (30E6πt)V(2) 3 pF differential input capacitance Transceiver with driver disabled CA/B 0.99 1.01 input capacitance balance, (CA/CB) (1) All typical values are at 25 °C and with a 3.3-V supply voltage. (2) HP4194A impedance analyzer (or equivalent) 4 Submit Documentation Feedback |