전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103V8 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STM32F103V8
상세설명  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STM32F103V8 Datasheet HTML 16Page - STMicroelectronics STM32F103V8 Datasheet HTML 17Page - STMicroelectronics STM32F103V8 Datasheet HTML 18Page - STMicroelectronics STM32F103V8 Datasheet HTML 19Page - STMicroelectronics STM32F103V8 Datasheet HTML 20Page - STMicroelectronics STM32F103V8 Datasheet HTML 21Page - STMicroelectronics STM32F103V8 Datasheet HTML 22Page - STMicroelectronics STM32F103V8 Datasheet HTML 23Page - STMicroelectronics STM32F103V8 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Pin descriptions
STM32F103xx
20/67
G8
28
36
54
PB15/SPI2_MOSI
TIM1_CH3N
I/O
FT
PB15
SPI2_MOSI(5)/
TIM1_CH3N(6)
K9
-
-
55
PD8
I/O
FT
PD8
J9
-
-
56
PD9
I/O
FT
PD9
H9
-
-
57
PD10
I/O
FT
PD10
G9
-
-
58
PD11
I/O
FT
PD11
K10
-
-
59
PD12
I/O
FT
PD12
J10
-
-
60
PD13
I/O
FT
PD13
H10
-
-
61
PD14
I/O
FT
PD14
G10
-
-
62
PD15
I/O
FT
PD15
F10
-
37
63
PC6
I/O
FT
PC6
E10
38
64
PC7
I/O
FT
PC7
F9
39
65
PC8
I/O
FT
PC8
E9
-
40
66
PC9
I/O
FT
PC9
D9
29
41
67
PA8/USART1_CK/
TIM1_CH1/MCO
I/O
FT
PA8
USART1_CK/
TIM1_CH1(6)/MCO
C9
30
42
68
PA9/USART1_TX/
TIM1_CH2
I/O
FT
PA9
USART1_TX(6)/
TIM1_CH2(6)
D10
314369
PA10/USART1_RX/
TIM1_CH3
I/O
FT
PA10
USART1_RX(6)/
TIM1_CH3(6)
C10
324470
PA11 / USART1_CTS/
CANRX / USBDM/
TIM1_CH4
I/O
FT
PA11
USART1_CTS/
CANRX(6)/
TIM1_CH4(6) / USBDM
B10
334571
PA12 / USART1_RTS/
CANTX / USBDP/
TIM1_ETR
I/O
FT
PA12
USART1_RTS/
CANTX(6) /
TIM1_ETR(6) / USBDP
A10
344672
PA13/JTMS/SWDIO
I/O
FT
JTMS/SWDIO
PA13
F8
-
-
73
Not connected
E6
35
47
74
VSS_2
SVSS_2
F6
36
48
75
VDD_2
SVDD_2
A9
37
49
76
PA14/JTCK/SWCLK
I/O
FT
JTCK/SWCLK
PA14
A8
38
50
77
PA15/JTDI
I/O
FT
JTDI
PA15
B9
-
51
78
PC10
I/O
FT
PC10
B8
-
52
79
PC11
I/O
FT
PC11
C8
-
53
80
PC12
I/O
FT
PC12
Table 3.
Pin definitions (continued)
Pins
Pin name
Main function(3)
(after reset)
Default alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67