전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

797LE 데이터시트(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

부품명 797LE
상세설명  Low-frequency accelerometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
홈페이지  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

797LE 데이터시트(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  797LE Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
www.wilcoxon.com
info@wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
SPECIFICATIONS
797L series
Low-frequency accelerometer
Accessories supplied: #12105-01 captive socket head (metric mounting available); calibration data
(level 3)
Key features
• Certified versions available for
use in hazardous areas (models
797LE, 797L-33, 797L-35)
• Ultra low noise electronics
• Manufactured in ISO 9001 facility
Sensitivity, ±5%, 25°C
500 mV/g
Acceleration range
10 g peak
Amplitude nonlinearity
1%
Frequency response:
±5%
±10%
±3 dB
0.6 - 850 Hz
0.4 - 1,500 Hz
0.2 - 3,700 Hz
Resonance frequency, typical
17 kHz
Transverse sensitivity, max
7% of axial
Temperature response:
–50°C
+120°C
–8%
+5%
Power requirement:
Voltage source
Current regulating diode
18 - 30 VDC
2 - 10 mA
Electrical noise, equiv. g:
Broadband  
2.5 Hz to 25 kHz
Spectral
2 Hz
  10 Hz
  100 Hz
12 µg
2.0 µg/√Hz
0.6 µg/√Hz
0.2 µg/√Hz
Output impedance, max
100 Ω
Bias output voltage
10 VDC
Grounding
case isolated, internally shielded
Temperature range
–50° to +120°C
Vibration limit
250 g peak
Shock limit
2,500 g peak
Electromagnetic sensitivity, equiv. g
5 µg/gauss
Sealing
hermetic
Base strain sensitivity
0.001 g/μstrain
Sensing element design
PZT ceramic / shear
Weight
148 grams
Case material
316L stainless steel
Mounting
1/4-28 captive socket head
Mating connector
R6 type
Recommended cabling
J9T2A
Connections
Function
Connector pin / cable
conductor color
power/signal
A / white
common
B / black
ground
shell / shield
98256 Rev.F4 05/24
1/4-28
mounting thread
1.65"
1.20"
0.25"
1.05"
dia.
2.15"
2 pin connector
safety wire hole
0.062 dia.
Certifications
Class I, II, III, T4
Div 1 Groups A, B,
C, D, E, F, G
Div 2 Groups A, B,
C, D, F, G
797LE
All 797L models
Class I, Div 1
Groups A, B, C, D
797L-33
797L-35
II 1 G
Ex ia IIC T4 Ga
Tamb: -50°C to 120°C
For Hazardous area installations the transducer must be
installed per 11537.
The model 797L-35 transducer must not be subjected to an
acceleration greater than 1200g and must be mechanically
protected so that it is not subjected to impacts greater than
2 J energy.
0.20”


유사한 부품 번호 - 797LE

제조업체부품명데이터시트상세설명
logo
Amphenol Wilcoxon Sensi...
797L-3 WILCOXON-797L-3 Datasheet
236Kb / 1P
Low-frequency accelerometer
Rev.C.2 02/19
797LT WILCOXON-797LT Datasheet
236Kb / 1P
Low-frequency dual output sensor
Rev.B.2 02/19
More results

유사한 설명 - 797LE

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL335BCPZ-RL AD-ADXL335BCPZ-RL Datasheet
430Kb / 16P
Small, Low Power, Accelerometer
REV. B
logo
Amphenol Wilcoxon Sensi...
731-207 WILCOXON-731-207 Datasheet
258Kb / 1P
Compact, ultra low-frequency accelerometer
Rev.D.3 01/20
731A WILCOXON-731A Datasheet
241Kb / 1P
Ultra quiet, ultra low-frequency accelerometer
Rev.E.2 09/18
logo
STI Vibration Monitorin...
CMCP785A-LF-I STI-CMCP785A-LF-I Datasheet
511Kb / 2P
Low Frequency Side Entry Accelerometer, Armored Cable
January 2023
CMCP785A-LF-IP STI-CMCP785A-LF-IP Datasheet
542Kb / 2P
Low Frequency Side Entry Accelerometer, Submersible
January 2023
CMCP785A-LF STI-CMCP785A-LF Datasheet
523Kb / 2P
Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A-LF-I STI-CMCP786A-LF-I Datasheet
501Kb / 2P
Low Frequency Top Entry Accelerometer, Armored Cable
January 2023
CMCP786A-LF-IP STI-CMCP786A-LF-IP Datasheet
525Kb / 2P
Low Frequency Top Entry Accelerometer, Submersible
January 2023
CMCP786A-LF STI-CMCP786A-LF Datasheet
506Kb / 2P
Low Frequency Top Entry Accelerometer, 2 Pin MS 5015
January 2023
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com