전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6AS36 데이터시트(PDF) 4 Page - Honeywell Solid State Electronics Center

부품명 6AS36
상세설명  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS36 데이터시트(HTML) 4 Page - Honeywell Solid State Electronics Center

  6AS36 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4 sensing.honeywell.com
BUILDING CONTROLS AND EQUIPMENT
Often used in a building’s boiler/heater controls, in HVAC systems to sense exhaust
pressure on high efficiency furnances, and in fire suppression systems to sound
alarm when sprinkler activation/waterflow is detected. May also be used in machine
tools to limit the maxiumum movement for pieces of equipment
DOORS AND LIFTS
May be used in elevators and lifts to sense if the car is in position before the door
opens and on door-latching mechanisms to indicate door closed and/or door
locked
SEMI-TRUCKS AND TRAILERS
Can be used to disengage the cruise control when the clutch pedal is depressed
and for diesel engine brake assist. For surface transportation equipment, can be
used as a seat switch
VALVES
Detects whether a valve is “open” or “closed”
TIMING DEVICES
Often used in commercial/industrial-grade timers to turn outputs “on” and/or “off” at
preset times
COMMUNICATION SYSTEMS
May be used as a door interlock on communication consoles or enclosures
FOOT SWITCHES
In commerical and industrial foot switch enclosures, may be used as the switching
element
COMMERCIAL AND INDUSTRIAL KITCHEN EQUIPMENT
May be used to indicate door closed and/or door locked for the self-cleaning feature
IRRIGATION EQUIPMENT
Often used for limiting maximum offset of irrigation towers
MEDICAL INSTRUMENTATION
In medical and dental equipment, often used in foot switches to control the dental
drill and the positioning of the chair
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23