전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

720XP-2RU 데이터시트(PDF) 10 Page - Arista Networks, Inc

부품명 720XP-2RU
상세설명  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARISTA [Arista Networks, Inc]
홈페이지  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU 데이터시트(HTML) 10 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 6Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 7Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 8Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 9Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 10Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 11Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 12Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 13Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 14Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Toutes les connexions d'alimentation doivent être enlevées pour hors tension l'appareil.
This unit is intended for installation in restricted access areas.
Cet appareil est prévu pour une installation dans les zones d'accès restreintes.
2.2
Tools and Parts Required for Installation
The following tools and equipment are required to install the switch:
Two-Post Rack
•
Screws or rack mounting nuts and bolts.
•
Screwdriver
The accessory kit does not include screws for attaching the switch to the equipment rack. When
installing the switch into an equipment rack with unthreaded post holes, nuts are also required to
secure the switch to the rack posts.
2.3
Electrostatic Discharge (ESD) Precautions
Observe these guidelines to avoid ESD damage when installing or servicing the switch.
•
Assemble or disassemble equipment only in a static-free work area.
•
Use a conductive work surface (such as an anti-static mat) to dissipate static charge.
•
Wear a conductive wrist strap to dissipate static charge accumulation.
•
Minimize handling of assemblies and components.
•
Keep replacement parts in their original static-free packaging.
•
Remove all plastic, foam, vinyl, paper, and other static-generating materials from the work area.
•
Use tools that do not create ESD.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34