전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7200 데이터시트(PDF) 39 Page - Arista Networks, Inc

부품명 7200
상세설명  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARISTA [Arista Networks, Inc]
홈페이지  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 데이터시트(HTML) 39 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc 7200 Datasheet HTML 37Page - Arista Networks, Inc 7200 Datasheet HTML 38Page - Arista Networks, Inc 7200 Datasheet HTML 39Page - Arista Networks, Inc 7200 Datasheet HTML 40Page - Arista Networks, Inc 7200 Datasheet HTML 41Page - Arista Networks, Inc 7200 Datasheet HTML 42Page - Arista Networks, Inc 7200 Datasheet HTML 43Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LCD Operation
Home Screen
After the EOS has successfully booted, the LCD displays the home screen. The below image is an
example output:
The first line displays the hostname, and the second line displays the IPv4 address of the
management interface.
Note: To return to the home screen, you can hold the top button for two seconds (“home” function) at
any point.
Menu Choices
At the home screen, select the top button (“scroll” function) to scroll through possible menu choices. The
menu choice will be displayed on the top line, and the bottom line will be blank.
Select the bottom button to select the menu item (select function).
Note: If you do not select within 10 seconds, the LCD will return to the home screen. Alternatively,
use the “home” function to return to the home screen.
Menu Item Output
Although the physical display is limited to two rows and 16 characters per row, a menu item may display a
larger virtual information display. If the width of the line being displayed is wider than the physical screen, then
the display will automatically scroll back and forth to display the entire line.
If the number of lines displayed exceeds the physical height, you can scroll through the output using the LCD
buttons. Select the top button (“scroll” function) to see earlier lines, and select the bottom button (“select”
function) to see later lines.
System Info
The System Info menu item shows the following information:
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44