| 전자부품 데이터시트 검색엔진 |
|
DCS-7060CX-32S-R 데이터시트(PDF) 5 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7060CX-32S-R 데이터시트(HTML) 5 Page - Arista Networks, Inc |
|
5 / 11 page ![]() 7060X and 7260X Series | Features Layer 2 Features • 802.1w Rapid Spanning Tree • 802.1s Multiple Spanning Tree Protocol • Rapid Per VLAN Spanning Tree (RPVST+) • 4096 VLANs • Q-in-Q • 802.3ad Link Aggregation/LACP • 64 ports/channel • 64 groups per system • Multi-Chassis Link Aggregation (MLAG) • 64 ports per MLAG • Custom LAG Hashing • Resilient LAG Hashing • 802.1AB Link Layer Discovery Protocol • 802.3x Flow Control • Jumbo Frames (9216 Bytes) • IGMP v1/v2/v3 snooping • Storm Control • Audio Video Bridging (AVB) Layer 3 Features • Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2 • 128-way Equal Cost Multipath Routing (ECMP) • Resilient ECMP Routes • VRF • BFD • Route Maps • IGMP v2/v3 • PIM-SM / PIM-SSM • Anycast RP (RFC 4610) • VRRP • Virtual ARP (VARP) • Policy Based Routing (PBR) • uRPF • RAIL Advanced Monitoring and Provisioning • Zero Touch Provisioning (ZTP) • Smart System Upgrade • Latency Analyzer and Microburst Detection (LANZ) • Configurable Congestion Notification (CLI, Syslog) • Streaming Events (GPB Encoded) • Capture/Mirror of congested traffic • Advanced Monitoring and Aggregation • Port Mirroring (4 active sessions) • L2/3/4 Filtering on Mirror Sessions • Port Channel source and destination • Mirror to CPU * • Advanced Event Management suite (AEM) • CLI Scheduler • Event Manager • Event Monitor • Linux tools • Integrated packet capture/analysis with TCPDump • RFC 3176 sFlow • Restore & configure from USB • Blue Beacon LED for system identification • Software Defined Networking (SDN) • Openflow 1.0 • Openflow 1.3 • Arista DirectFlow • eAPI • OpenStack Neutron Support • IEEE 1588 PTP (Transparent Clock and Boundary Clock) Virtualization Support • VXLAN Routing and Bridging • VM Tracer VMware Integration • VMware vSphere support • VM Auto Discovery • VM Adaptive Segmentation • VM Host View Security Features • IPv4 / IPv6 Ingress & Egress ACLs using L2, L3, L4 fields • MAC ACLs • ACL Drop Logging and ACL Counters • Control Plane Protection (CPP) • Service ACLs • DHCP Relay / Snooping • MAC Security • TACACS+ • RADIUS Quality of Service (QoS) Features • Up to 8 queues per port • 802.1p based classification • DSCP based classification and remarking • Explicit Congestion Notification (ECN) - 7060X only • QoS interface trust (COS / DSCP) • Strict priority queueing • Weighted Round Robin (WRR) Scheduling • Per-Priority Flow Control (PFC) • Data Center Bridging Extensions (DCBX) • 802.1Qaz Enhanced Transmissions Selection (ETS) • ACL based DSCP Marking • ACL based Policing • Per port MMU Configuration • Policing/Shaping • Rate limiting * Not currently supported in EOS |