| 전자부품 데이터시트 검색엔진 |
|
024 데이터시트(PDF) 3 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
024 데이터시트(HTML) 3 Page - France Joint |
|
3 / 5 page ![]() | DIMENSIONS Part number Series Bore diameter Groove diameter Groove width AS4716 / MIL-G-5514 AS4716 MIL-G-5514 0 BAE 1 BAE 2 BAE ØD1 Ød1 Ød1 L1 min L2 min L3 min 024.010 010 9.14 6.35 6.30 2.39 3.78 5.26 024.011 011 10.72 7.92 7.87 2.39 3.78 5.26 024.012 012 12.32 9.53 9.47 2.39 3.78 5.26 024.013 013 13.97 11.20 11.13 2.39 3.78 5.26 024.014 014 15.57 12.80 12.73 2.39 3.78 5.26 024.015 015 17.15 14.38 14.30 2.39 3.78 5.26 024.016 016 18.75 15.98 15.90 2.39 3.78 5.26 024.017 017 20.32 17.55 17.48 2.39 3.78 5.26 024.018 018 21.92 19.13 19.08 2.39 3.78 5.26 024.019 019 23.50 20.70 20.65 2.39 3.78 5.26 024.020 020 25.17 22.38 22.33 2.39 3.78 5.26 024.021 021 26.75 23.95 23.90 2.39 3.78 5.26 024.022 022 28.35 25.55 25.50 2.39 3.78 5.26 024.023 023 29.92 27.13 27.08 2.39 3.78 5.26 024.024 024 31.52 28.73 28.68 2.39 3.78 5.26 024.025 025 33.10 30.30 30.25 2.39 3.78 5.26 024.026 026 34.70 31.90 31.85 2.39 3.78 5.26 024.027 027 36.27 33.48 33.43 2.39 3.78 5.26 024.028 028 37.87 35.08 35.03 2.39 3.78 5.26 024.110 110 13.97 9.63 9.45 3.58 4.65 6.22 024.111 111 15.57 11.20 11.05 3.58 4.65 6.22 024.112 112 17.15 12.75 12.62 3.58 4.65 6.22 024.113 113 18.75 14.35 14.22 3.58 4.65 6.22 024.114 114 20.32 15.93 15.80 3.58 4.65 6.22 024.115 115 21.92 17.50 17.40 3.58 4.65 6.22 024.116 116 23.50 19.06 18.97 3.58 4.65 6.22 024.117 117 25.17 20.75 20.65 3.58 4.65 6.22 024.118 118 26.75 22.33 22.23 3.58 4.65 6.22 024.119 119 28.35 23.93 22.83 3.58 4.65 6.22 024.120 120 29.92 25.48 25.40 3.58 4.65 6.22 024.121 121 31.52 27.08 27.00 3.58 4.65 6.22 024.122 122 33.10 28.65 28.58 3.58 4.65 6.22 024.123 123 34.70 30.25 30.18 3.58 4.65 6.22 024.124 124 36.27 31.83 31.75 3.58 4.65 6.22 024.125 125 37.87 33.43 33.35 3.58 4.65 6.22 024.126 126 39.45 35.00 34.93 3.58 4.65 6.22 024.127 127 41.05 36.60 36.53 3.58 4.65 6.22 024.128 128 42.62 38.18 38.10 3.58 4.65 6.22 024.129 129 44.22 39.78 39.70 3.58 4.65 6.22 024.130 130 45.85 41.43 41.33 3.58 4.65 6.22 024.131 131 47.42 43.00 42.90 3.58 4.65 6.22 024.132 132 49.02 44.60 44.50 3.58 4.65 6.22 024.133 133 50.60 46.18 46.08 3.58 4.65 6.22 024.134 134 52.20 47.78 47.68 3.58 4.65 6.22 024.135 135 53.80 49.38 49.28 3.58 4.65 6.22 024.136 136 55.37 50.95 50.85 3.58 4.65 6.22 024.137 137 56.97 52.55 52.45 3.58 4.65 6.22 024.138 138 58.55 54.13 54.03 3.58 4.65 6.22 024.139 139 60.15 55.73 55.63 3.58 4.65 6.22 024.140 140 61.72 57.30 57.20 3.58 4.65 6.22 024.141 141 63.32 58.90 58.80 3.58 4.65 6.22 024.142 142 64.90 60.48 60.38 3.58 4.65 6.22 024.143 143 66.50 62.08 61.98 3.58 4.65 6.22 024.144 144 68.07 63.65 63.55 3.58 4.65 6.22 024.145 145 69.67 65.25 63.15 3.58 4.65 6.22 024.146 146 71.25 66.83 66.73 3.58 4.65 6.22 024.147 147 72.85 68.43 68.33 3.58 4.65 6.22 024.148 148 74.42 70.00 69.90 3.58 4.65 6.22 024.149 149 76.02 71.60 71.50 3.58 4.65 6.22 024.210 210 25.17 19.05 19.00 4.78 5.97 7.72 024.211 211 26.75 20.62 20.57 4.78 5.97 7.72 www.francejoint.com AEROSPACE SEALS | PISTON SEALS | BECA 024 |