전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

024.024 데이터시트(PDF) 3 Page - France Joint

부품명 024.024
상세설명  PISTON SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

024.024 데이터시트(HTML) 3 Page - France Joint

  024.024 Datasheet HTML 1Page - France Joint 024.024 Datasheet HTML 2Page - France Joint 024.024 Datasheet HTML 3Page - France Joint 024.024 Datasheet HTML 4Page - France Joint 024.024 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
|
DIMENSIONS
Part number
Series
Bore diameter
Groove diameter
Groove width
AS4716 / MIL-G-5514
AS4716
MIL-G-5514
0 BAE
1 BAE
2 BAE
ØD1
Ød1
Ød1
L1 min
L2 min
L3 min
024.010
010
9.14
6.35
6.30
2.39
3.78
5.26
024.011
011
10.72
7.92
7.87
2.39
3.78
5.26
024.012
012
12.32
9.53
9.47
2.39
3.78
5.26
024.013
013
13.97
11.20
11.13
2.39
3.78
5.26
024.014
014
15.57
12.80
12.73
2.39
3.78
5.26
024.015
015
17.15
14.38
14.30
2.39
3.78
5.26
024.016
016
18.75
15.98
15.90
2.39
3.78
5.26
024.017
017
20.32
17.55
17.48
2.39
3.78
5.26
024.018
018
21.92
19.13
19.08
2.39
3.78
5.26
024.019
019
23.50
20.70
20.65
2.39
3.78
5.26
024.020
020
25.17
22.38
22.33
2.39
3.78
5.26
024.021
021
26.75
23.95
23.90
2.39
3.78
5.26
024.022
022
28.35
25.55
25.50
2.39
3.78
5.26
024.023
023
29.92
27.13
27.08
2.39
3.78
5.26
024.024
024
31.52
28.73
28.68
2.39
3.78
5.26
024.025
025
33.10
30.30
30.25
2.39
3.78
5.26
024.026
026
34.70
31.90
31.85
2.39
3.78
5.26
024.027
027
36.27
33.48
33.43
2.39
3.78
5.26
024.028
028
37.87
35.08
35.03
2.39
3.78
5.26
024.110
110
13.97
9.63
9.45
3.58
4.65
6.22
024.111
111
15.57
11.20
11.05
3.58
4.65
6.22
024.112
112
17.15
12.75
12.62
3.58
4.65
6.22
024.113
113
18.75
14.35
14.22
3.58
4.65
6.22
024.114
114
20.32
15.93
15.80
3.58
4.65
6.22
024.115
115
21.92
17.50
17.40
3.58
4.65
6.22
024.116
116
23.50
19.06
18.97
3.58
4.65
6.22
024.117
117
25.17
20.75
20.65
3.58
4.65
6.22
024.118
118
26.75
22.33
22.23
3.58
4.65
6.22
024.119
119
28.35
23.93
22.83
3.58
4.65
6.22
024.120
120
29.92
25.48
25.40
3.58
4.65
6.22
024.121
121
31.52
27.08
27.00
3.58
4.65
6.22
024.122
122
33.10
28.65
28.58
3.58
4.65
6.22
024.123
123
34.70
30.25
30.18
3.58
4.65
6.22
024.124
124
36.27
31.83
31.75
3.58
4.65
6.22
024.125
125
37.87
33.43
33.35
3.58
4.65
6.22
024.126
126
39.45
35.00
34.93
3.58
4.65
6.22
024.127
127
41.05
36.60
36.53
3.58
4.65
6.22
024.128
128
42.62
38.18
38.10
3.58
4.65
6.22
024.129
129
44.22
39.78
39.70
3.58
4.65
6.22
024.130
130
45.85
41.43
41.33
3.58
4.65
6.22
024.131
131
47.42
43.00
42.90
3.58
4.65
6.22
024.132
132
49.02
44.60
44.50
3.58
4.65
6.22
024.133
133
50.60
46.18
46.08
3.58
4.65
6.22
024.134
134
52.20
47.78
47.68
3.58
4.65
6.22
024.135
135
53.80
49.38
49.28
3.58
4.65
6.22
024.136
136
55.37
50.95
50.85
3.58
4.65
6.22
024.137
137
56.97
52.55
52.45
3.58
4.65
6.22
024.138
138
58.55
54.13
54.03
3.58
4.65
6.22
024.139
139
60.15
55.73
55.63
3.58
4.65
6.22
024.140
140
61.72
57.30
57.20
3.58
4.65
6.22
024.141
141
63.32
58.90
58.80
3.58
4.65
6.22
024.142
142
64.90
60.48
60.38
3.58
4.65
6.22
024.143
143
66.50
62.08
61.98
3.58
4.65
6.22
024.144
144
68.07
63.65
63.55
3.58
4.65
6.22
024.145
145
69.67
65.25
63.15
3.58
4.65
6.22
024.146
146
71.25
66.83
66.73
3.58
4.65
6.22
024.147
147
72.85
68.43
68.33
3.58
4.65
6.22
024.148
148
74.42
70.00
69.90
3.58
4.65
6.22
024.149
149
76.02
71.60
71.50
3.58
4.65
6.22
024.210
210
25.17
19.05
19.00
4.78
5.97
7.72
024.211
211
26.75
20.62
20.57
4.78
5.97
7.72
www.francejoint.com
AEROSPACE SEALS | PISTON SEALS |
BECA 024



Html Pages

1 2 3 4 5