전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

024.136 데이터시트(PDF) 2 Page - France Joint

부품명 024.136
상세설명  PISTON SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

024.136 데이터시트(HTML) 2 Page - France Joint

  024.136 Datasheet HTML 1Page - France Joint 024.136 Datasheet HTML 2Page - France Joint 024.136 Datasheet HTML 3Page - France Joint 024.136 Datasheet HTML 4Page - France Joint 024.136 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
|
GROOVE WIDTHS AND EXTRUSION GAPS
Series
Groove width
Extrusion gaps
F
L1 min - max
L2 min - max
L3 min - max
010 - 012
2.39 - 2.52
3.81 - 4.06
5.26 - 5.51
0.10
013 - 028
2.39 - 2.52
3.81 - 4.06
5.26 - 5.51
0.13
110 - 128
3.58 - 3.83
4.65 - 4.90
6.22 - 6.47
0.13
129 - 140
3.58 - 3.83
4.65 - 4.90
6.22 - 6.47
0.15
141 - 149
3.58 - 3.83
4.65 - 4.90
6.22 - 6.47
0.18
210 - 223
4.78 - 5.03
5.97 - 6.22
7.72 - 7.97
0.13
224 - 227
4.78 - 5.03
5.97 - 6.22
7.72 - 7.97
0.15
228 - 243
4.78 - 5.03
5.97 - 6.22
7.72 - 7.97
0.18
244 - 247
4.78 - 5.03
5.97 - 6.22
7.72 - 7.97
0.20
325 - 329
7.14 - 7.39
8.48 - 8.73
10.77 - 11.02
0.15
330 - 345
7.14 - 7.39
8.48 - 8.73
10.77 - 11.02
0.18
346 - 349
7.14 - 7.39
8.48 - 8.73
10.77 - 11.02
0.20
425 - 445
9.53 - 9.78
12.07 - 12.32
14.71 - 14.96
0.23
446
9.53 - 9.78
12.07 - 12.32
14.71 - 14.96
0.25
447 - 460
9.53 - 9.78
12.07 - 12.32
14.71 - 14.96
0.28
|
TOLERANCES ON THE BORE DIAMETERS AND GROOVE DIAMETERS
Series
Tolerance on
bore diameter
ØD1
Tolerance on
groove diameter
Ød1
010 - 012
0/+0.025
-0.025/0
013 - 349
0/+0.050
-0.050/0
425 - 446
0/+0.076
-0.050/0
447 - 460
0/+0.100
-0.076/0
L1/L2/L3
C
R2
R1
www.francejoint.com
AEROSPACE SEALS | PISTON SEALS |
BECA 024



Html Pages

1 2 3 4 5