전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 19 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 19 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 15Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 16Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
WDI
ttWDt
ttDt
Ignore
ttWDt
ttWDt
ttWDt
ttSDt
tP-WD
WDO
Devices with only RESET output, the RESET output will be
asserted when watchdog error occurs.
Figure 7-6. Timeout Watchdog Timer Operation
7.3.2.1 tWD Timer
The tWD timer for TPS35-Q1 can be set using an external capacitor connected between CWD pin and GND
pin. This feature is available with pinout options A or B. Applications which are space constrained or need timer
values which meet offered timer options, can benefit when using pinout options C or D. The TPS35-Q1 offers
multiple fixed timer options ranging from 1ms up-to 100s.
The TPS35-Q1, when using capacitance based timer, senses the capacitance value during the power up or
after a RESET event. The capacitor is charged and discharged with known internal current source for one cycle
to sense the capacitance value. The sensed value is used to arrive at tWD timer for the watchdog operation.
This unique implementation helps reduce the continuous charge and discharge current for the capacitor, thus
reducing overall current consumption. Continuous charge and discharge of capacitance creates wider dead time
(no watchdog monitor functionality) when capacitor is discharging. The dead time is higher for high value of
capacitance. The unique implementation of TPS35-Q1 helps avoid the dead time as the capacitance is not
continuously charging or discharging under normal operation. Make sure CCWD is < 200 x CCRST for accurate
calibration of capacitance. Equation 1 highlights the relationship between tWD in second and CWD capacitance
in farad. The tWD timer is 20% accurate for an ideal capacitor. Accuracy of the capacitance has additional impact
on the tWD time. Make sure the capacitance meets the recommended operating range. Capacitance outside the
recommended range can lead to incorrect operation of the device.
tWD (sec) = 4.95 x 106 x CCWD (F)
(1)
The TPS35-Q1 also offers wide selection of high accuracy fixed timer options starting from 1ms to 100sec
including various industry standard values. The TPS35-Q1 fixed time options are ±10% accurate for tWD ≥ 10ms.
For tWD < 10ms, the accuracy is ±20%. tWD value relevant to application can be identified from the orderable part
number. Refer Section 4 section to identify mapping of orderable part number to tWD value.
The TPS35-Q1 offers flexibility to change the tWD value on the fly by controlling the logic levels on the SETx
pins. Section 7.3.2.4 section explains the advantages offered by this feature and the device behavior with
various SETx pin combinations.
7.3.2.2 Watchdog Enable Disable Operation
The TPS35-Q1 supports watchdog enable or disable functionality. This functionality is critical for different use
cases as listed below.
• Disable watchdog during firmware update to avoid host RESET.
• Disable watchdog during software step-by-step debug operation.
• Disable watchdog when performing critical task to avoid watchdog error interrupt.
• Keep watchdog disabled until host boots up.
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com