전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

485.080 데이터시트(PDF) 4 Page - France Joint

부품명 485.080
상세설명  WIPER SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

485.080 데이터시트(HTML) 4 Page - France Joint

  485.080 Datasheet HTML 1Page - France Joint 485.080 Datasheet HTML 2Page - France Joint 485.080 Datasheet HTML 3Page - France Joint 485.080 Datasheet HTML 4Page - France Joint 485.080 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.francejoint.com
DIMENSIONS
Part number
Rod diameter
Ød1 f8/h9
Groove diameter
ØD1 H9
Groove diameter
ØD2 H11
Groove width
L1 0/+0.20
Stepwidth
L2 min
485.019
19.00
26.60
20.50
4.20
3.00
485.020
20.00
27.60
21.50
4.20
3.00
485.022
22.00
29.60
23.50
4.20
3.00
485.025
25.00
32.60
26.50
4.20
3.00
485.028
28.00
35.60
29.50
4.20
3.00
485.030
30.00
37.60
31.50
4.20
3.00
485.032
32.00
39.60
33.50
4.20
3.00
485.035
35.00
42.60
36.50
4.20
3.00
485.036
36.00
43.60
37.50
4.20
3.00
485.037
37.00
44.60
38.50
4.20
3.00
485.038
38.00
45.60
39.50
4.20
3.00
485.040
40.00
48.80
41.50
6.30
3.00
485.042
42.00
50.80
43.50
6.30
3.00
485.045
45.00
53.80
46.50
6.30
3.00
485.048
48.00
56.80
49.50
6.30
3.00
485.049
49.00
57.80
50.50
6.30
3.00
485.050
50.00
58.80
51.50
6.30
3.00
485.052
52.00
60.80
53.50
6.30
3.00
485.054
54.00
62.80
55.50
6.30
3.00
485.055
55.00
63.80
56.50
6.30
3.00
485.056
56.00
64.80
57.50
6.30
3.00
485.058
58.00
66.80
59.50
6.30
3.00
485.060
60.00
68.80
61.50
6.30
3.00
485.062
62.00
70.80
63.50
6.30
3.00
485.063
63.00
71.80
64.50
6.30
3.00
485.065
65.00
73.80
66.50
6.30
3.00
485.068
68.00
76.80
69.50
6.30
3.00
485.070
70.00
82.20
72.00
8.10
4.00
485.075
75.00
87.20
77.00
8.10
4.00
485.080
80.00
92.20
82.00
8.10
4.00
485.085
85.00
97.20
87.00
8.10
4.00
485.090
90.00
102.20
92.00
8.10
4.00
485.095
95.00
107.20
97.00
8.10
4.00
485.100
100.00
112.20
102.00
8.10
4.00
485.105
105.00
117.20
107.00
8.10
4.00
485.110
110.00
122.20
112.00
8.10
4.00
485.115
115.00
127.20
117.00
8.10
4.00
485.120
120.00
132.20
122.00
8.10
4.00
485.125
125.00
137.20
127.00
8.10
4.00
485.130
130.00
142.20
132.00
8.10
4.00
485.135
135.00
147.20
137.00
8.10
4.00
485.140
140.00
156.00
142.50
9.50
5.00
485.145
145.00
161.00
147.50
9.50
5.00
485.150
150.00
166.00
152.50
9.50
5.00
485.155
155.00
171.00
157.50
9.50
5.00
485.160
160.00
176.00
162.50
9.50
5.00
485.165
165.00
181.00
167.50
9.50
5.00
485.170
170.00
186.00
172.50
9.50
5.00
485.175
175.00
191.00
177.50
9.50
5.00
485.180
180.00
196.00
182.50
9.50
5.00
485.185
185.00
201.00
187.50
9.50
5.00
485.190
190.00
206.00
192.50
9.50
5.00
485.195
195.00
211.00
197.50
9.50
5.00
485.200
200.00
216.00
202.50
9.50
5.00
485.205
205.00
221.00
207.50
9.50
5.00
485.210
210.00
226.00
212.50
9.50
5.00
485.215
215.00
231.00
217.50
9.50
5.00
485.220
220.00
236.00
222.50
9.50
5.00
485.230
230.00
246.00
232.50
9.50
5.00
485.240
240.00
256.00
242.50
9.50
5.00
485.250
250.00
266.00
252.50
9.50
5.00
485.260
260.00
276.00
262.50
9.50
5.00
485.270
270.00
286.00
272.50
9.50
5.00
HYDRAULIC SEALS | WIPER SEALS |
BECA 485



Html Pages

1 2 3 4 5