| 전자부품 데이터시트 검색엔진 |
|
502.500 데이터시트(PDF) 5 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
502.500 데이터시트(HTML) 5 Page - France Joint |
|
5 / 6 page ![]() www.francejoint.com Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 504.105 105.00 84.00 8.10 500.105 105.00 89.50 6.30 502.105 105.00 94.00 4.20 504.108 108.00 87.00 8.10 500.108 108.00 92.50 6.30 502.108 108.00 97.00 4.20 504.110 110.00 89.00 8.10 500.110 110.00 94.50 6.30 502.110 110.00 99.00 4.20 504.115 115.00 94.00 8.10 500.115 115.00 99.50 6.30 502.115 115.00 104.00 4.20 504.120 120.00 99.00 8.10 500.120 120.00 104.50 6.30 502.120 120.00 109.00 4.20 504.125 125.00 104.00 8.10 500.125 125.00 109.50 6.30 502.125 125.00 114.00 4.20 504.127 127.00 106.00 8.10 500.127 127.00 111.50 6.30 502.127 127.00 116.00 4.20 504.130 130.00 109.00 8.10 500.130 130.00 114.50 6.30 502.130 130.00 119.00 4.20 504.132 132.00 111.00 8.10 500.132 132.00 116.50 6.30 502.132 132.00 121.00 4.20 504.135 135.00 110.50 8.10 500.135 135.00 114.00 8.10 502.135 135.00 119.50 6.30 504.140 140.00 115.50 8.10 500.140 140.00 119.00 8.10 502.140 140.00 124.50 6.30 504.145 145.00 120.50 8.10 500.145 145.00 124.00 8.10 502.145 145.00 129.50 6.30 504.150 150.00 125.50 8.10 500.150 150.00 129.00 8.10 502.150 150.00 134.50 6.30 504.155 155.00 130.50 8.10 500.155 155.00 134.00 8.10 502.155 155.00 139.50 6.30 504.160 160.00 135.50 8.10 500.160 160.00 139.00 8.10 502.160 160.00 144.50 6.30 504.165 165.00 140.50 8.10 500.165 165.00 144.00 8.10 502.165 165.00 149.50 6.30 504.170 170.00 145.50 8.10 500.170 170.00 149.00 8.10 502.170 170.00 154.50 6.30 504.175 175.00 150.50 8.10 500.175 175.00 154.00 8.10 502.175 175.00 159.50 6.30 504.180 180.00 155.50 8.10 500.180 180.00 159.00 8.10 502.180 180.00 164.50 6.30 504.185 185.00 160.50 8.10 500.185 185.00 164.00 8.10 502.185 185.00 169.50 6.30 504.190 190.00 165.50 8.10 500.190 190.00 169.00 8.10 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 502.190 190.00 174.50 6.30 504.195 195.00 170.50 8.10 500.195 195.00 174.00 8.10 502.195 195.00 179.50 6.30 504.200 200.00 175.50 8.10 500.200 200.00 179.00 8.10 502.200 200.00 184.50 6.30 504.205 205.00 180.50 8.10 500.205 205.00 184.00 8.10 502.205 205.00 189.50 6.30 504.210 210.00 185.50 8.10 500.210 210.00 189.00 8.10 502.210 210.00 194.50 6.30 504.215 215.00 190.50 8.10 500.215 215.00 194.00 8.10 502.215 215.00 199.50 6.30 504.220 220.00 195.50 8.10 500.220 220.00 199.00 8.10 502.220 220.00 204.50 6.30 504.230 230.00 205.50 8.10 500.230 230.00 209.00 8.10 502.230 230.00 214.50 6.30 504.240 240.00 215.50 8.10 500.240 240.00 219.00 8.10 502.240 240.00 224.50 6.30 504.250 250.00 225.50 8.10 500.250 250.00 229.00 8.10 502.250 250.00 234.50 6.30 504.260 260.00 235.50 8.10 500.260 260.00 239.00 8.10 502.260 260.00 244.50 6.30 504.270 270.00 245.50 8.10 500.270 270.00 249.00 8.10 502.270 270.00 254.50 6.30 504.280 280.00 255.50 8.10 500.280 280.00 259.00 8.10 502.280 280.00 264.50 6.30 504.290 290.00 265.50 8.10 500.290 290.00 269.00 8.10 502.290 290.00 274.50 6.30 504.300 300.00 275.50 8.10 500.300 300.00 279.00 8.10 502.300 300.00 284.50 6.30 504.310 310.00 285.50 8.10 500.310 310.00 289.00 8.10 502.310 310.00 294.50 6.30 504.320 320.00 295.50 8.10 500.320 320.00 299.00 8.10 502.320 320.00 304.50 6.30 504.330 330.00 302.00 9.50 500.330 330.00 305.50 8.10 502.330 330.00 309.00 8.10 504.340 340.00 312.00 9.50 500.340 340.00 315.50 8.10 502.340 340.00 319.00 8.10 504.350 350.00 322.00 9.50 500.350 350.00 325.50 8.10 502.350 350.00 329.00 8.10 504.360 360.00 332.00 9.50 500.360 360.00 335.50 8.10 502.360 360.00 339.00 8.10 504.370 370.00 342.00 9.50 HYDRAULIC SEALS | PISTON SEALS | BECA 500 - 502 - 504 |