| 전자부품 데이터시트 검색엔진 |
|
504 데이터시트(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
504 데이터시트(HTML) 4 Page - France Joint |
|
4 / 6 page ![]() www.francejoint.com DIMENSIONS Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 500.008 8.00 3.10 2.20 500.010 10.00 5.10 2.20 500.012 12.00 7.10 2.20 500.014 14.00 9.10 2.20 504.015 15.00 4.00 4.20 500.015 15.00 7.50 3.20 502.015 15.00 10.10 2.20 504.016 16.00 5.00 4.20 500.016 16.00 8.50 3.20 502.016 16.00 11.10 2.20 504.018 18.00 7.00 4.20 500.018 18.00 10.50 3.20 502.018 18.00 13.10 2.20 504.020 20.00 9.00 4.20 500.020 20.00 12.50 3.20 502.020 20.00 15.10 2.20 504.021 21.00 10.00 4.20 500.021 21.00 13.50 3.20 502.021 21.00 16.10 2.20 504.022 22.00 11.00 4.20 500.022 22.00 14.50 3.20 502.022 22.00 17.10 2.20 504.024 24.00 13.00 4.20 500.024 24.00 16.50 3.20 502.024 24.00 19.10 2.20 504.025 25.00 14.00 4.20 500.025 25.00 17.50 3.20 502.025 25.00 20.10 2.20 504.028 28.00 17.00 4.20 500.028 28.00 20.50 3.20 502.028 28.00 23.10 2.20 504.030 30.00 19.00 4.20 500.030 30.00 22.50 3.20 502.030 30.00 25.10 2.20 504.032 32.00 21.00 4.20 500.032 32.00 24.50 3.20 502.032 32.00 27.10 2.20 504.035 35.00 24.00 4.20 500.035 35.00 27.50 3.20 502.035 35.00 30.10 2.20 504.036 36.00 25.00 4.20 500.036 36.00 28.50 3.20 502.036 36.00 31.10 2.20 504.038 38.00 27.00 4.20 500.038 38.00 30.50 3.20 502.038 38.00 33.10 2.20 504.040 40.00 24.50 6.30 500.040 40.00 29.00 4.20 502.040 40.00 32.50 3.20 504.042 42.00 26.50 6.30 500.042 42.00 31.00 4.20 502.042 42.00 34.50 3.20 504.045 45.00 29.50 6.30 500.045 45.00 34.00 4.20 502.045 45.00 37.50 3.20 504.048 48.00 32.50 6.30 500.048 48.00 37.00 4.20 502.048 48.00 40.50 3.20 504.050 50.00 34.50 6.30 500.050 50.00 39.00 4.20 502.050 50.00 42.50 3.20 504.052 52.00 36.50 6.30 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 500.052 52.00 41.00 4.20 502.052 52.00 44.50 3.20 504.053 53.00 37.50 6.30 500.053 53.00 42.00 4.20 502.053 53.00 45.50 3.20 504.055 55.00 39.50 6.30 500.055 55.00 44.00 4.20 502.055 55.00 47.50 3.20 504.057 57.00 41.50 6.30 500.057 57.00 46.00 4.20 502.057 57.00 49.50 3.20 504.058 58.00 42.50 6.30 500.058 58.00 47.00 4.20 502.058 58.00 50.50 3.20 504.060 60.00 44.50 6.30 500.060 60.00 49.00 4.20 502.060 60.00 52.50 3.20 504.062 62.00 46.50 6.30 500.062 62.00 51.00 4.20 502.062 62.00 54.50 3.20 504.063 63.00 47.50 6.30 500.063 63.00 52.00 4.20 502.063 63.00 55.50 3.20 504.065 65.00 49.50 6.30 500.065 65.00 54.00 4.20 502.065 65.00 57.50 3.20 504.068 68.00 52.50 6.30 500.068 68.00 57.00 4.20 502.068 68.00 60.50 3.20 504.070 70.00 54.50 6.30 500.070 70.00 59.00 4.20 502.070 70.00 62.50 3.20 504.072 72.00 56.50 6.30 500.072 72.00 61.00 4.20 502.072 72.00 64.50 3.20 504.075 75.00 59.50 6.30 500.075 75.00 64.00 4.20 502.075 75.00 67.50 3.20 504.080 80.00 59.00 8.10 500.080 80.00 64.50 6.30 502.080 80.00 69.00 4.20 504.082 82.00 61.00 8.10 500.082 82.00 66.50 6.30 502.082 82.00 71.00 4.20 504.085 85.00 64.00 8.10 500.085 85.00 69.50 6.30 502.085 85.00 74.00 4.20 504.087 87.00 66.00 8.10 500.087 87.00 71.50 6.30 502.087 87.00 76.00 4.20 504.090 90.00 69.00 8.10 500.090 90.00 74.50 6.30 502.090 90.00 79.00 4.20 504.092 92.00 71.00 8.10 500.092 92.00 76.50 6.30 502.092 92.00 81.00 4.20 504.095 95.00 74.00 8.10 500.095 95.00 79.50 6.30 502.095 95.00 84.00 4.20 504.100 100.00 79.00 8.10 500.100 100.00 84.50 6.30 502.100 100.00 89.00 4.20 HYDRAULIC SEALS | PISTON SEALS | BECA 500 - 502 - 504 |