전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC5582HDDTRPBF 데이터시트(PDF) 12 Page - Analog Devices

부품명 LTC5582HDDTRPBF
상세설명  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC5582HDDTRPBF 데이터시트(HTML) 12 Page - Analog Devices

Back Button LTC5582HDDTRPBF Datasheet HTML 8Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 9Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 10Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 11Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 12Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 13Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 14Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 15Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC5582
12
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 4. Differential Input Configuration
Figure 5. Single-Ended-to-Differential Conversion
while the overall dynamic range remains the same. At
high frequency, additional LC elements may be needed
for the input impedance matching due to the parasitics
of the transformer and PCB traces.
J1
RF INPUT
IN–
4
IN+
VCC
T1
1:8
5582 F04
200
200
LTC5582
2
DEC
3
50pF
Figure 6. RF Input Return Loss
Due to the high input impedance of the LTC5582, a narrow
band L-C matching network can be also used to convert
a single-ended input to differential signal as shown in
Figure 5. By this means, the sensitivity and overall linear
dynamic range of the detector will be very similar to the
one using 1:8 RF input balun. The conversion gain is
strongly dependent on the loss (or Q) of the matching
network, particularly at high frequency. The lower the Q,
the lower the conversion gain. However, the matching
bandwidthiscorrespondinglywider.Thefollowingformulas
are provided to calculate the input matching network for
single-ended-to-differentialconversionatlowRFfrequency
(i.e., below 1GHz).
CS1=CS2 =
1
πfc 50RIN
= 2.25•10
9
fc
(pF)
LM =
50RIN
2πfc
= 2.25•10
10
fc
(nH)
where RIN is the differential input resistance (400Ω) and
fc is the center RF operating frequency.
As an example, Figure 6 shows that good input return
loss is achieved from 300MHz to 400MHz when CS1 =
CS2 = 6.8pF and LM = 66nH. Figure 7 show the sensitivity
is also improved by 8dB at 350MHz while the dynamic
range remains the same.
Although these equations give a good starting point,
it is usually necessary to adjust the component values
after building and testing the circuit. As the RF operating
frequency increases, the real values of CS1, CS2, LM will
deviate from the above equations due to parasitics of the
components, device and PCB layout.
RF INPUT
CS1
6.8pF
CS2
6.8pF
TO IN–
TO IN+
5582 F05
MATCHING NETWORK
LM
66nH
FREQUENCY (MHz)
0
0
–5
–10
–15
–20
–25
–30
5582 F06
1000
900
800
700
600
500
400
300
200
100
RF INPUT POWER (dBm)
–75 –65
–25
–45
–5
5582 F07
5
–35
–55
–15
SINGLE-ENDED-TO-
DIFFERENTIAL INPUTS
SINGLE-ENDED
2.8
2.4
1.6
0.8
2.0
1.2
0.4
Figure 7. Output Voltage vs RF Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com