| 전자부품 데이터시트 검색엔진 |
|
FAN-7002-R 데이터시트(PDF) 6 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
FAN-7002-R 데이터시트(HTML) 6 Page - Arista Networks, Inc |
|
6 / 12 page ![]() 7300 Series | Features * Not currently supported in EOS Layer 2 Features • 802.1w Rapid Spanning Tree • 802.1s Multiple Spanning Tree Protocol • Rapid Per VLAN Spanning Tree (RPVST+) • 4096 VLANs • Q-in-Q • 802.3ad Link Aggregation/LACP • 64 ports/channel • 1024 groups per system • Multi-Chassis Link Aggregation (MLAG) • 64 ports per MLAG • Custom LAG Hashing • Resilient LAG Hashing • 802.1AB Link Layer Discovery Protocol • 802.3x Flow Control • Jumbo Frames (9216 Bytes) • IGMP v1/v2/v3 snooping • Storm Control • RAIL Layer 3 Features • Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2 • 64-way Equal Cost Multipath Routing (ECMP) • Resilient ECMP Routes • VRF • BFD • Route Maps • IGMP v2/v3 • PIM-SM / PIM-SSM • Anycast RP (RFC 4610) • VRRP • Virtual ARP (VARP) • Policy Based Routing (DirectFlow) • uRPF • Selective Route Download Advanced Monitoring and Provisioning • Zero Touch Provisioning (ZTP) • Latency Analyzer and Microburst Detection (LANZ) * • Configurable Congestion Notification (CLI, Syslog) • Streaming Events (GPB Encoded) • Capture/Mirror of congested traffic • Advanced Monitoring and Aggregation • Port Mirroring 4 to 128 (4 active sessions per ASIC) • L2/3/4 Filtering on Mirror Sessions* • Mirror to EOS/SSD* • Advanced Event Management suite (AEM) • CLI Scheduler • Event Manager • Event Monitor • Linux tools • Optional SSD for logging and data capture • Integrated packet capture/analysis with TCPDump • RFC 3176 sFlow • Restore & configure from USB • Blue Beacon LED for system identification • Software Defined Networking (SDN) • Openflow 1.0 * • Arista DirectFlow * • eAPI • OpenStack Neutron Support Virtualization Support • VXLAN Routing and Bridging • VM Tracer VMware Integration • VMware vSphere support • VM Auto Discovery • VM Adaptive Segmentation • VM Host View Security Features • IPv4 / IPv6 Ingress & Egress ACLs using L2, L3, L4 fields • MAC ACLs • ACL Drop Logging • ACL Counters • Control Plane Protection (CPP) • PDP • Service ACLs • DHCP Relay / Snooping • TACACS+ • RADIUS Quality of Service (QoS) Features • Up to 8 queues per port • 802.1p based classification • DSCP based classification and remarking * • Explicit Congestion Notification (ECN) * • QoS interface trust (COS / DSCP) • Strict priority queueing • Weighted Round Robin (WRR) Scheduling • Per-Priority Flow Control (PFC) • Data Center Bridging Extensions (DCBX) • 802.1Qaz Enhanced Transmissions Selection (ETS) * • ACL based DSCP Marking • ACL based Policing * • Policing/Shaping • Rate limiting • Audio Video Bridging (AVB) * |