전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

522 데이터시트(PDF) 4 Page - France Joint

부품명 522
상세설명  PISTON SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

522 데이터시트(HTML) 4 Page - France Joint

  522 Datasheet HTML 1Page - France Joint 522 Datasheet HTML 2Page - France Joint 522 Datasheet HTML 3Page - France Joint 522 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
DIMENSIONS
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
520.008
8.00
3.10
2.20
520.010
10.00
5.10
2.20
520.012
12.00
7.10
2.20
520.014
14.00
9.10
2.20
520.015
15.00
7.50
3.20
520.016
16.00
8.50
3.20
520.018
18.00
10.50
3.20
520.020
20.00
12.50
3.20
520.021
21.00
13.50
3.20
520.022
22.00
14.50
3.20
520.024
24.00
16.50
3.20
524.025
25.00
14.00
4.20
520.025
25.00
17.50
3.20
520.028
28.00
20.50
3.20
520.030
30.00
22.50
3.20
524.032
32.00
21.00
4.20
520.032
32.00
24.50
3.20
520.035
35.00
27.50
3.20
520.036
36.00
28.50
3.20
520.038
38.00
30.50
3.20
520.040
40.00
29.00
4.20
522.040
40.00
32.50
3.20
520.042
42.00
31.00
4.20
520.045
45.00
34.00
4.20
520.048
48.00
37.00
4.20
524.050
50.00
34.50
6.30
520.050
50.00
39.00
4.20
520.052
52.00
41.00
4.20
520.053
53.00
42.00
4.20
520.055
55.00
44.00
4.20
520.057
57.00
46.00
4.20
520.058
58.00
47.00
4.20
520.060
60.00
49.00
4.20
520.062
62.00
51.00
4.20
524.063
63.00
47.50
6.30
520.063
63.00
52.00
4.20
520.065
65.00
54.00
4.20
520.068
68.00
57.00
4.20
520.070
70.00
59.00
4.20
520.072
72.00
61.00
4.20
520.075
75.00
64.00
4.20
520.080
80.00
64.50
6.30
522.080
80.00
69.00
4.20
520.082
82.00
66.50
6.30
520.085
85.00
69.50
6.30
520.087
87.00
71.50
6.30
520.090
90.00
74.50
6.30
520.092
92.00
76.50
6.30
520.095
95.00
79.50
6.30
520.100
100.00
84.50
6.30
522.100
100.00
89.00
4.20
520.105
105.00
89.50
6.30
520.108
108.00
92.50
6.30
520.110
110.00
94.50
6.30
520.115
115.00
99.50
6.30
520.120
120.00
104.50
6.30
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
524.125
125.00
104.00
8.10
520.125
125.00
109.50
6.30
520.127
127.00
111.50
6.30
520.130
130.00
114.50
6.30
520.132
132.00
116.50
6.30
520.135
135.00
114.00
8.10
520.140
140.00
119.00
8.10
520.145
145.00
124.00
8.10
520.150
150.00
129.00
8.10
520.155
155.00
134.00
8.10
520.160
160.00
139.00
8.10
522.160
160.00
144.50
6.30
520.165
165.00
144.00
8.10
520.170
170.00
149.00
8.10
520.175
175.00
154.00
8.10
520.180
180.00
159.00
8.10
520.185
185.00
164.00
8.10
520.190
190.00
169.00
8.10
520.195
195.00
174.00
8.10
520.200
200.00
179.00
8.10
522.200
200.00
184.50
6.30
520.205
205.00
184.00
8.10
520.210
210.00
189.00
8.10
520.215
215.00
194.00
8.10
520.220
220.00
199.00
8.10
520.230
230.00
209.00
8.10
520.240
240.00
219.00
8.10
524.250
250.00
225.50
8.10
520.250
250.00
229.00
8.10
520.260
260.00
239.00
8.10
520.270
270.00
249.00
8.10
520.280
280.00
259.00
8.10
520.290
290.00
269.00
8.10
520.300
300.00
279.00
8.10
520.310
310.00
289.00
8.10
524.320
320.00
295.50
8.10
520.320
320.00
299.00
8.10
520.330
330.00
305.50
8.10
520.340
340.00
315.50
8.10
520.350
350.00
325.50
8.10
520.360
360.00
335.50
8.10
520.370
370.00
345.50
8.10
520.380
380.00
355.50
8.10
520.390
390.00
365.50
8.10
520.400
400.00
375.50
8.10
520.410
410.00
385.50
8.10
520.420
420.00
395.50
8.10
520.430
430.00
405.50
8.10
520.440
440.00
415.50
8.10
520.450
450.00
425.50
8.10
520.460
460.00
435.50
8.10
520.470
470.00
445.50
8.10
520.480
480.00
455.50
8.10
520.490
490.00
465.50
8.10
520.500
500.00
475.50
8.10
The figures highlighted in bold correspond to the dimensions for standard ISO 7425/1, with the bore diameters in line with standard ISO 3320.
Other intermediate sizes can be provided.
HYDRAULIC SEALS | PISTON SEALS |
BECA 520 - 522 - 524



Html Pages

1 2 3 4