| 전자부품 데이터시트 검색엔진 |
|
550.014 데이터시트(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
550.014 데이터시트(HTML) 4 Page - France Joint |
|
4 / 4 page ![]() FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com DIMENSIONS Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 550.008 8.00 5.10 2.40 550.022 22.00 17.50 3.60 550.025 25.00 18.80 4.80 550.028 28.00 21.80 4.80 550.030 30.00 23.80 4.80 550.032 32.00 25.80 4.80 550.035 35.00 28.80 4.80 550.038 38.00 28.60 7.10 550.040 40.00 33.80 4.80 550.042 42.00 35.80 4.80 550.045 45.00 38.80 4.80 550.009 9.00 6.10 2.40 550.048 48.00 38.60 7.10 550.050 50.00 40.60 7.10 550.052 52.00 42.60 7.10 550.055 55.00 45.60 7.10 550.058 58.00 48.60 7.10 550.060 60.00 50.60 7.10 550.062 62.00 52.60 7.10 550.063 63.00 53.60 7.10 550.065 65.00 55.60 7.10 550.070 70.00 60.60 7.10 550.010 10.00 7.10 2.40 550.072 72.00 62.60 7.10 550.075 75.00 65.60 7.10 550.078 78.00 68.60 7.10 550.080 80.00 70.60 7.10 550.082 82.00 72.60 7.10 550.085 85.00 75.60 7.10 550.090 90.00 80.60 7.10 550.095 95.00 85.60 7.10 550.100 100.00 90.60 7.10 550.105 105.00 95.60 7.10 550.012 12.00 9.10 2.40 550.110 110.00 100.60 7.10 550.115 115.00 105.60 7.10 550.120 120.00 110.60 7.10 550.125 125.00 112.80 9.50 550.130 130.00 117.80 9.50 550.135 135.00 122.80 9.50 550.140 140.00 127.80 9.50 550.150 150.00 137.80 9.50 550.155 155.00 142.80 9.50 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 550.014 14.00 9.50 3.60 550.160 160.00 147.80 9.50 550.165 165.00 152.80 9.50 550.170 170.00 157.80 9.50 550.175 175.00 162.80 9.50 550.180 180.00 167.80 9.50 550.190 190.00 177.80 9.50 550.200 200.00 187.80 9.50 550.210 210.00 197.80 9.50 550.220 220.00 207.80 9.50 550.015 15.00 10.50 3.60 550.240 240.00 227.80 9.50 550.250 250.00 237.80 9.50 550.260 260.00 247.80 9.50 550.270 270.00 257.80 9.50 550.280 280.00 267.80 9.50 550.290 290.00 277.80 9.50 550.300 300.00 287.80 9.50 550.320 320.00 307.80 9.50 550.330 330.00 317.80 9.50 550.016 16.00 11.50 3.60 550.340 340.00 327.80 9.50 550.350 350.00 337.80 9.50 550.360 360.00 347.80 9.50 550.370 370.00 357.80 9.50 550.380 380.00 367.80 9.50 550.390 390.00 377.80 9.50 550.410 410.00 397.80 9.50 550.420 420.00 407.80 9.50 550.430 430.00 417.80 9.50 550.018 18.00 13.50 3.60 550.440 440.00 427.80 9.50 550.450 450.00 437.80 9.50 550.460 460.00 447.80 9.50 550.470 470.00 457.80 9.50 550.480 480.00 467.80 9.50 550.490 490.00 477.80 9.50 550.500 500.00 487.80 9.50 550.020 20.00 15.50 3.60 550.145 145.00 132.80 9.50 550.230 230.00 217.80 9.50 550.310 310.00 297.80 9.50 550.400 400.00 387.80 9.50 The figures highlighted in bold correspond to the bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. HYDRAULIC SEALS | PISTON SEALS | BECA 550 - 559 |