| 전자부품 데이터시트 검색엔진 |
|
P89V52X2FN 데이터시트(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89V52X2FN 데이터시트(HTML) 29 Page - NXP Semiconductors |
|
29 / 56 page ![]() P89V52X2_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 01 — 7 June 2007 29 of 56 NXP Semiconductors P89V52X2 80C51 with 256 B RAM, 192 B data EEPROM The following examples will help to show the versatility of this scheme. Example 1, slave 0: (4) Example 2, slave 1: (5) In the above example SADDR is the same and the SADEN data is used to differentiate between the two slaves. Slave 0 requires a ‘0’ in bit 0 and it ignores bit 1. Slave 1 requires a ‘0’ in bit 1 and bit 0 is ignored. A unique address for Slave 0 would be 1100 0010 since slave 1 requires a ‘0’ in bit 1. A unique address for slave 1 would be 1100 0001 since a ‘1’ in bit 0 will exclude slave 0. Both slaves can be selected at the same time by an address which has bit 0 = 0 (for slave 0) and bit 1 = 0 (for slave 1). Thus, both could be addressed with 1100 0000. In a more complex system the following could be used to select slaves 1 and 2 while excluding slave 0: Example 1, slave 0: Fig 18. Schemes used by the UART to detect ‘given’ and ‘broadcast’ addresses when multiprocessor communications is enabled 002aaa527 rx_byte(7) saddr(7) saden(7) rx_byte(0) saddr(0) . . . given_address_match logic used by UART to detect 'given address' in received data saddr(7) saden(7) rx_byte(7) saddr(0) saden(0) rx_byte(0) broadcast_address_match logic used by UART to detect 'given address' in received data saden(0) . . . SADDR = 1100 0000 SADEN = 1111 1101 Given = 1100 00X0 ---------------------------------------------------- SADDR = 1100 0000 SADEN = 1111 1110 Given = 1100 000X ---------------------------------------------------- |