| 전자부품 데이터시트 검색엔진 |
|
AMC431LP 데이터시트(PDF) 9 Page - ADDtek Corp |
|
|
|||||||||||||||||||||||||||||
AMC431LP 데이터시트(HTML) 9 Page - ADDtek Corp |
|
9 / 10 page ![]() AMC431 Copyright © 2006 ADDtek Corp. 9 DD021_G -- JUNE 2006 3-Pin Surface Mount SOT-89 INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX A 0.173 - 0.181 4.39 - 4.59 B 0.090 - 0.102 2.28 - 2.59 C 0.055 - 0.063 1.39 - 1.60 D 0.015 - 0.017 0.38 - 0.43 E 0.084 - 0.090 2.13 - 2.28 F 0.016 - 0.019 0.33 - 0.48 G 0.059 BSC 1.49 BSC H 0.118 BSC 2.99 BSC J 0.018 - 0.022 0.45 - 0.55 K 0.155 - 0.167 3.94 - 4.24 L 0.067 - 0.072 1.70 - 1.82 M0 ° - 8 ° 0 ° - 8 ° M B A L K N H J F G E D C N 0.035 - 0.047 0.89 - 1.19 Surface Mount SOT-23 INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX A 0.039 0.043 0.051 1.00 1.10 1.30 A1 0.000 - 0.004 0.00 - 0.10 A2 0.028 0.032 0.035 0.70 0.80 0.90 b 0.014 0.016 0.020 0.35 0.40 0.50 C 0.004 0.005 0.010 0.10 0.15 0.25 D 0.106 0.114 0.122 2.70 2.90 3.10 E 0.055 0.063 0.071 1.40 1.60 1.80 e 0.075 TYP. 1.90 TYP. H 0.102 0.110 0.118 2.60 2.80 3.00 L 0.015 - - 0.37 - - M1 ° 5 ° 9 ° 1 ° 5 ° 9 ° E D H e A A1 b A2 C L M H |