| 전자부품 데이터시트 검색엔진 |
|
AMC34063AMF 데이터시트(PDF) 8 Page - ADDtek Corp |
|
|
|||||||||||||||||||||||||||||
AMC34063AMF 데이터시트(HTML) 8 Page - ADDtek Corp |
|
8 / 9 page ![]() AMC34063A Copyright © 2006 ADDtek Corp. 8 DD014_E -- JUNE 2006 PACKAGE 8-Pin Plastic DIP INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX A 0.355 0.365 0.400 9.02 9.27 10.16 B 0.240 0.250 0.280 6.10 6.35 7.11 C - - 0.210 - - 5.33 D - 0.018 - - 0.46 - F - 0.060 - - 1.52 - G - 0.100 - - 2.54 - H 0.050 - 0.090 1.27 - 2.29 J 0.008 - 0.015 0.20 - 0.38 K 0.115 0.130 0.150 2.92 3.30 3.81 L 0.300 BSC. 7.62 BSC. M - 7º 15º - 7º 15º Note: For 8-pin Plastic package, 60 units per tube 8-Pin Plastic S.O.I.C. INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX A 0.183 - 0.202 4.65 - 5.13 B 0.144 - 0.163 3.66 - 4.14 C 0.068 - 0.074 1.35 - 1.88 D 0.010 - 0.020 0.25 - 0.51 F 0.015 - 0.035 0.38 - 0.89 G 0.050 BSC 1.27 BSC J 0.007 - 0.010 0.19 - 0.25 K 0.005 - 0.010 0.13 - 0.25 L 0.189 - 0.205 4.80 - 5.21 M - - 8º - - 8º P 0.228 - 0.244 5.79 - 6.20 1 B 5 4 8 C K F H G D A L M J SEATING PLAN A D F P B K C M L J G SEATING PLANE |