전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADL5506 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADL5506
상세설명  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADL5506 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADL5506 Datasheet HTML 9Page - Analog Devices ADL5506 Datasheet HTML 10Page - Analog Devices ADL5506 Datasheet HTML 11Page - Analog Devices ADL5506 Datasheet HTML 12Page - Analog Devices ADL5506 Datasheet HTML 13Page - Analog Devices ADL5506 Datasheet HTML 14Page - Analog Devices ADL5506 Datasheet HTML 15Page - Analog Devices ADL5506 Datasheet HTML 16Page - Analog Devices ADL5506 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADL5506
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 13 of 22
Figure 33. Distribution of VLOG at 900 MHz, 25°C, PIN = −30 dBm
Figure 34. Distribution of Intercept at 900 MHz, 25°C
Figure 35. Error from CW Linear Reference vs. Signal Modulation (Four-
Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA, 16
QAM, 64 QAM, QPSK), Frequency = 100 MHz
Figure 36. Distribution of VLOG at 900 MHz, 25°C, PIN = −6 dBm
Figure 37. Distribution of Slope at 900 MHz, 25°C
Figure 38. Error from CW Linear Reference vs. Signal Modulation (Four-
Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA, 16
QAM, 64 QAM, QPSK), Frequency = 2.14 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com