| 전자부품 데이터시트 검색엔진 |
|
TSL2562CS 데이터시트(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2562CS 데이터시트(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
21 / 38 page ![]() TSL2562, TSL2563 LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER TAOS066J − MAY 2007 21 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com APPLICATION INFORMATION: SOFTWARE The following example pseudo code illustrates the configuration of an SMB Alert style interrupt when the light intensity changes 20% from the current value, and persists for 3 conversion cycles: // Read current light level Address = 0x39 //Slave addr also 0x29 or 0x49 Command = 0xAC //Set Command bit and Word bit ReadWord (Address, Command, DataLow, DataHigh) Channel0 = (256 * DataHigh) + DataLow //Calculate upper and lower thresholds T_Upper = Channel0 + (0.2 * Channel0) T_Lower = Channel0 – (0.2 * Channel0) //Write the lower threshold register Command = 0xA2 //Addr lower threshold reg, set Word Bit WriteWord (Address, Command, T_Lower.LoByte, T_Lower.HiByte) //Write the upper threshold register Command = 0xA4 //Addr upper threshold reg, set Word bit WriteWord (Address, Command, T_Upper.LoByte, T_Upper.HiByte) //Enable interrupt Command = 0x86 //Address interrupt register Data = 0x23 //SMBAlert style, PERSIST = 3 WriteByte(Address, Command, Data) In order to generate an interrupt on demand during system test or debug, a test mode (INTR = 11) can be used. The following example illustrates how to generate an interrupt on demand: // Generate an interrupt Address = 0x39 //Slave addr also 0x29 or 0x49 Command = 0x86 //Address Interrupt register Data = 0x30 //Test interrupt WriteByte(Address, Command, Data) //Interrupt line should now be low |