| 전자부품 데이터시트 검색엔진 |
|
MCP2120 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 40 page ![]() MCP2122 DS20001894D-page 4 2004-2024 Microchip Technology Inc. and its subsidiaries TABLE 1-2: PIN DESCRIPTION Pin Name Pin Number Pin Type Buffer Type PDIP SOIC Description 16XCLK 1 1 I ST 16x external clock source input TX 2 2 I ST Asynchronous receive from Host Controller UART RX 3 3 O — Asynchronous transmit to Host Controller UART VSS 4 4 — P Ground reference for logic and I/O pins RESET 5 5 I ST Resets the Device H = Normal Operation L = Device in Reset RXIR 6 6 I ST Asynchronous receive from infrared transceiver TXIR 7 7 O — Asynchronous transmit to infrared transceiver VDD 8 8 — P Positive supply for logic and I/O pins Legend: ST = Schmitt Trigger input with CMOS levels I = Input P= Power O = Output |