| 전자부품 데이터시트 검색엔진 |
|
MCP1630-E/MC 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1630-E/MC 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 30 page ![]() MCP1630/MCP1630V DS20001896D-page 6 2004-2022 Microchip Technology Inc. and its subsidiaries 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VDD.................................................................................................................................................................................................... 6.0V Maximum Voltage on Any Pin ...................................................................................................................(VGND – 0.3)V to (VIN + 0.3)V VEXT Short Circuit Current ............................................................................................................................................ Internally Limited Storage Temperature ..................................................................................................................................................... -65°C to +150°C Maximum Junction Temperature, TJ ............................................................................................................................................ +150°C Continuous Operating Temperature Range ................................................................................................................... -40°C to +125°C ESD Protection on All Pins, HBM 3kV †Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. AC/DC CHARACTERISTICS Electrical Specifications: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical values = 5.0V, TA = -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Input Voltage Input Operating Voltage VIN 3.0 — 5.5 V — Input Quiescent Current I(VIN)— 2.8 4.5 mA IEXT =0 mA, FOSC IN =0Hz Oscillator Input External Oscillator Range FOSC —— 1 MHz Note 1 Min. Oscillator High Time Min. Oscillator Low Time TOH_MIN TOL_MIN —10 — ns — Oscillator Rise Time TRISE 0.01 — 10 µs Note 2 Oscillator Fall Time TFALL 0.01 — 10 µs Note 2 Oscillator Input Voltage Low VL —— 0.8 V — Oscillator Input Voltage High VH 2.0 — — V — Oscillator Input Capacitance COSC —5 — pf — External Reference Input Reference Voltage Input VREF 0— VIN V Note 2, Note 3 Error Amplifier Input Offset Voltage VOS -4 0.1 +4 mV — Error Amplifier PSRR PSRR 80 99 — dB VIN = 3.0V to 5.0V, VCM =1.2V Common Mode Input Range VCM GND - 0.3 — VIN V Note 2, Note 3 Common Mode Rejection Ratio — 80 — dB VIN =5V, VCM = 0V to 2.5V Open-loop Voltage Gain AVOL 85 95 — dB RL =5k to VIN/2, 100 mV < VEAOUT < VIN – 100 mV, VCM =1.2V Low-level Output VOL — 25 GND + 50 mV RL = 5 k to VIN/2 Gain Bandwidth Product GBWP — 3.5 — MHz VIN =5V Error Amplifier Sink Current ISINK 511 — mA VIN =5V, VREF = 1.2V, VFB =1.4V, VCOMP =2.0V Error Amplifier Source Current ISOURCE -2 -9 — mA VIN =5V, VREF = 1.2V, VFB =1.0V, VCOMP = 2.0V, Absolute Value Note 1: Capable of higher frequency operation depending on minimum and maximum duty cycles needed. 2: External oscillator input (OSC IN) rise and fall times between 10 ns and 10 µs used for characterization testing. Signal levels between 0.8V and 2.0V with rise and fall times measured between 10% and 90% of maximum and minimum values. Not production tested. 3: The reference input of the internal amplifier is capable of rail-to-rail operation. |