전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDM-30PDSR 데이터시트(PDF) 2 Page - Fujikura Ltd.

부품명 FDM-30PDSR
상세설명  Sensing element/Differential
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJIKURA [Fujikura Ltd.]
홈페이지  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FDM-30PDSR 데이터시트(HTML) 2 Page - Fujikura Ltd.

  FDM-30PDSR Datasheet HTML 1Page - Fujikura Ltd. FDM-30PDSR Datasheet HTML 2Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
2.54
0.8
3.5
1
8
0.15
3.4
10 Max.
1
R0.5
1
12
3
65
4
1
2
3
6
5
4
Labelled faceplate
Projections
Index
Zooming up the projections
Pressure port 2
Pressure port 1
2
2- 1.2(Holes for projections)
11
16.6
Index direction
Land-pads
3
1
6
1
6
2
5
R2
i
1.5mA
R1
R4
R3
Zero balancing trimmer (VR0) is available.
VR0: 200
VR0
Constant
current
source
Output voltage
FDM
Unit:mm
Recommended footprint for PCB
(Unit : mm)
Sensing element/Differential
FDM Data sheet
FDM
Unit:mm
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
Outline dimensions
Connection diagram
2



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com