| 전자부품 데이터시트 검색엔진 |
|
M68ICS08MR 데이터시트(PDF) 83 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08MR 데이터시트(HTML) 83 Page - Motorola, Inc |
|
83 / 100 page ![]() Quick Start Hardware Configuration Guide Introduction M68ICS08MR In-Circuit Simulator User’s Manual MOTOROLA Quick Start Hardware Configuration Guide 83 B.1.1.1 MC68HC908MR16/32 Quick Start Configuration - Standalone Mode B.1.1.2 MC68HC908MR4/8 Quick Start Configuration - Standalone Mode Table B-1. MC68HC908MR16/32 Quick Start Jumper Header Configuration Jumper Header Type Description W1 MR16/32 clock selection Jumper on pins 2 and 3 — Disconnects the MC68HC908MR16/32 clock from the target system. This position is labeled O. W2 Target reset selection NA Not applicable when using an MC68HC908MR16/32 MCU in standalone mode. W3 I/O baud rate selection: MR16/32 only Jumper on pins 1 and 2 (factory default) — MR16/32 I/O baud rate is set to 9600. This position is labeled 9600. W4 Serial communication selection Jumper on pins 1 and 2 (factory default) — MC68HC908MR16/32 MCU is installed. This position is labeled MR32/16. W5 XTAL clock enable Jumper on pins 2 and 3 (factory default) — MRICS XTAL clocks are enabled: 4.9152 MHz for the MC68HC908MR16/32 MCUs. This position is labeled I. W6 MR4/8 target clock NA Not applicable when using an MC68HC908MR16/32 MCU in standalone mode. W7 MRICS reset clock Jumper on pins 1 and 2 (factory default) — Reset clock set at 4.9152 MHz. Use this setting when using the MC68HC908MR16/32 MCUs. This position is labeled MR32/16. 3 2 1 3 2 1 3 2 1 3 2 1 3 2 1 |