전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QEV07ADA 데이터시트(PDF) 3 Page - Rakon Limited

부품명 QEV07ADA
상세설명  Standard SMD VCXO | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAKON [Rakon Limited]
홈페이지  https://www.rakon.com/
Logo RAKON - Rakon Limited

QEV07ADA 데이터시트(HTML) 3 Page - Rakon Limited

  QEV07ADA Datasheet HTML 1Page - Rakon Limited QEV07ADA Datasheet HTML 2Page - Rakon Limited QEV07ADA Datasheet HTML 3Page - Rakon Limited QEV07ADA Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Standard SMD VCXO | Wireless Communications
Issue: A, 20 December 2022
Specifications are subject to change without notice
Copyright © 2022 Rakon Limited. All rights reserved
Page 3 of 4
www.rakonxpress.com
Packaging
TAPRE DETAILS:
REEL DETAILS
NOTE:
Standard Packing Quantity (SPQ): 3000 pcs/reel
Unit: mm
Parameter
Code
Dimension
Tolerance
Pitch of components
P
4.0
± 0.1
Pitch of sprocket hole
P0
4.0
± 0.1
Length from hole center to component center P1
2.0
± 0.1
Width of carrier tape
W
8.0
±0.3
Width of adhesive tape
W0
3.5
± 0.1
Height of component pocket
A
3.5
± 0.1
Width of component pocket
B
2.7
± 0.1
Gap of hold down tape and carrier tape
W2
1.75
± 0.1
Diameter of sprocket hole
D0
Φ 1.5
± 0.05
Diameter of feed hole
D1
Φ 1.5
± 0.25
Total of tape thickness
K
1.3
± 0.1
2.5
Φ13.5
Φ21.6
Φ60±0.1
Φ178±0.1
9.5±0.1
1.6±0.1
User Direction of Unreeling
Section I - I
I
I



Html Pages

1 2 3 4