| 전자부품 데이터시트 검색엔진 |
|
PCF8583P 데이터시트(PDF) 13 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
PCF8583P 데이터시트(HTML) 13 Page - SYC Electronica |
|
13 / 26 page ![]() 1997 Jul 15 13 Philips Semiconductors Product specification Clock/calendar with 240 × 8-bit RAM PCF8583 Fig.11 Alarm and timer interrupt logic diagram. (1) If the alarm enable bit of the control/status register is reset (logic 0), a 1 Hz signal can be observed on the interrupt pin INT. handbook, full pagewidth MBD818 76 543 210 CONTROL/STATUS REGISTER (1) alarm interrupt timer overflow interrupt INT 765 432 10 alarm control timer alarm overflow timer control clock alarm ALARM TIMER CLOCK/CALENDAR counter control mode select MUX oscillator ALARM CONTROL REGISTER |